Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G07GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP2G07GW
Description  Low-power dual buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G07GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G07GW Datasheet HTML 1Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 2Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 3Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AUP2G07_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 June 2007
3 of 16
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF state.
Fig 4.
Pin configuration SOT363-1
(SC-88)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP2G07
1A
1Y
GND
2A
2Y
001aad706
1
2
3
6
VCC
5
4
74AUP2G07
GND
001aad707
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP2G07
GND
001aad665
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input
Output
nA
nY
LL
HZ


Similar Part No. - 74AUP2G07GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07GW NXP-74AUP2G07GW Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AUP2G07GW NEXPERIA-74AUP2G07GW Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results

Similar Description - 74AUP2G07GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com