Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD42L51 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CRD42L51
Description  Low Power, Stereo CODEC with Headphone Amp
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD42L51 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CRD42L51 Datasheet HTML 4Page - Cirrus Logic CRD42L51 Datasheet HTML 5Page - Cirrus Logic CRD42L51 Datasheet HTML 6Page - Cirrus Logic CRD42L51 Datasheet HTML 7Page - Cirrus Logic CRD42L51 Datasheet HTML 8Page - Cirrus Logic CRD42L51 Datasheet HTML 9Page - Cirrus Logic CRD42L51 Datasheet HTML 10Page - Cirrus Logic CRD42L51 Datasheet HTML 11Page - Cirrus Logic CRD42L51 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
8
DS679F1
CS42L51
AOUTB
AOUTA
10
11
Analog Audio Output (Output) - The full-scale output level is specified in the DAC Analog Characteris-
tics specification table
VA
12
Analog Power (Input) - Positive power for the internal analog section.
AGND
13
Analog Ground (Input) - Ground reference for the internal analog section.
DAC_FILT+
14
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
VQ
15
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
ADC_FILT+
16
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
MICIN1/
AIN3A
17
Microphone Input 1 (Input) - The full-scale level is specified in the ADC Analog Characteristics specifi-
cation table.
MICIN2/
BIAS/AIN3B
18
Microphone Input 2 (Input/Output) - The full-scale level is specified in the ADC Analog Characteristics
specification table. This pin can also be configured as an output to provide a low noise bias supply for an
external microphone. Electrical characteristics are specified in the DC Electrical Characteristics table.
AIN2A
19
Analog Input (Input) - The full-scale level is specified in the ADC Analog Characteristics specification
table.
AIN2B/BIAS
20
Analog Input (Input/Output) - The full-scale level is specified in the ADC Analog Characteristics specifi-
cation table. This pin can also be configured as an output to provide a low noise bias supply for an exter-
nal microphone. Electrical characteristics are specified in the DC Electrical Characteristics table.
AFILTA
AFILTB
21
22
Filter Connection (Output) - Filter connection for the ADC inputs.
AIN1A
AIN1B
23
24
Analog Input (Input) - The full-scale level is specified in the ADC Analog Characteristics specification
table.
RESET
25
Reset (Input) - The device enters a low power mode when this pin is driven low.
VL
26
Digital Interface Power (Input) - Determines the required signal level for the serial audio interface and
host control port. Refer to the Recommended Operating Conditions for appropriate voltages.
VD
27
Digital Power (Input) - Positive power for the internal digital section.
DGND
28
Digital Ground (Input) - Ground reference for the internal digital section.
SDOUT
(M/S)
29
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
Serial Port Master/Slave (Input/Output) - Hardware Mode Startup Option: Selects between Master and
Slave Mode for the serial port.
MCLK
30
Master Clock (Input) - Clock source for the delta-sigma modulators.
SCLK
31
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
SDIN
32
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
Thermal Pad
-
Thermal relief pad for optimized heat dissipation. See “QFN Thermal Pad” on page 81.


Similar Part No. - CRD42L51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42L51 CIRRUS-CRD42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
More results

Similar Description - CRD42L51

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com