Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7371MX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7371MX
Description  High-Current High-Side Gate Drive IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7371MX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7371MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7371MX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7371 Rev. 1.0.1
7
Typical Characteristics (Continued)
Figure 11. VBS UVLO+ vs. Temp.
Figure 12. VBS UVLO- vs. Temp.
Figure 13. Logic High Input Voltage vs. Temp.
Figure 14. Logic Low Input Voltage vs. Temp.
Figure 15. Input Pull-down Resistance vs. Temp.
Figure 16. High-Level Output Voltage vs. Temp.
-40
-20
0
20
40
60
80
100
120
8.0
8.5
9.0
9.5
10.0
Temperature [°C]
-40
-20
0
20406080
100
120
7.5
8.0
8.5
9.0
9.5
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
-40
-20
0
20406080
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
-40
-20
0
20
406080
100
120
0
40
80
120
160
200
240
280
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Temperature [°C]


Similar Part No. - FAN7371MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7371MX FAIRCHILD-FAN7371MX Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN7371MX ONSEMI-FAN7371MX Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
More results

Similar Description - FAN7371MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73711 FAIRCHILD-FAN73711 Datasheet
1Mb / 11P
   High-Current, High-Side Gate Drive IC
logo
ON Semiconductor
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371_09 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
FAN7171 FAIRCHILD-FAN7171 Datasheet
413Kb / 11P
   High-Current High-Side Gate Drive IC
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com