Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC256S Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIC256S
Description  SILICON TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC256S Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIC256S Datasheet HTML 1Page - Power Innovations Ltd TIC256S Datasheet HTML 2Page - Power Innovations Ltd TIC256S Datasheet HTML 3Page - Power Innovations Ltd TIC256S Datasheet HTML 4Page - Power Innovations Ltd TIC256S Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIC256 SERIES
SILICON TRIACS
2
JULY 1991 - REVISED MARCH 1997
PRODUCT
INFORMATION
† All voltages are with respect to Main Terminal 1.
NOTE
5: The triacs are triggered by a 15-V (open-circuit amplitude) pulse supplied by a generator with the following characteristics:
RG = 100 Ω, tp(g) = 20 µs, tr = ≤ 15 ns, f = 1 kHz.
IL
Latching current
Vsupply = +12 V†
Vsupply = -12 V†
(see Note 5)
20
-20
mA
dv/dt
Critical rate of rise of
off-state voltage
VD = Rated VD
IG = 0
TC = 110°C
±450
V/µs
dv/dt(c)
Critical rise of
commutation voltage
VD = Rated VD
di/dt = 0.5 IT(RMS)/ms
TC = 80°C
IT = 1.4 IT(RMS)
±1
V/µs
di/dt
Critical rate of rise of
on -state current
VD = Rated VD
diG/dt = 50 mA/µs
IGT = 50 mA
TC = 110°C
±200
A/µs
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.9
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
electrical characteristics at 25°C case temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
GATE TRIGGER CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
0·1
1
10
100
1000
TC10AA
CASE TEMPERATURE
vs
V
supply IGTM
+
+
+
-
-
-
-
+
V
AA = ± 12 V
R
L = 10 Ω
t
p(g) = 20 µs
GATE TRIGGER VOLTAGE
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
0·001
0·01
0·1
TC10AB
CASE TEMPERATURE
vs
ALL QUADRANTS
V
AA = ± 12 V
R
L = 10 Ω
t
p(g) = 20 µs


Similar Part No. - TIC256S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC253 POINN-TIC253 Datasheet
103Kb / 5P
   SILICON TRIACS
TIC253D POINN-TIC253D Datasheet
103Kb / 5P
   SILICON TRIACS
TIC253M POINN-TIC253M Datasheet
103Kb / 5P
   SILICON TRIACS
TIC253N POINN-TIC253N Datasheet
103Kb / 5P
   SILICON TRIACS
TIC253S POINN-TIC253S Datasheet
103Kb / 5P
   SILICON TRIACS
More results

Similar Description - TIC256S

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com