Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK32D300-S0J Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK32D300-S0J
Description  28 Pin to 32 Pin DIP Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK32D300-S0J Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK32D300-S0J Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE 11 ACCUTEKMICRO.COM 03/2005(DA11)
0.600"
1.400"
AK28DW600-PLCC
0.700"
0.525"
0.100"
0.080"
0.125"
28 PIN PLCC TO DIP (MACHINED PINS)
0.600"
1.400"
AK28DS600-PLCC
(with PLCC Socket included)
0.700"
0.250"
0.125"
28 PIN SOJ SOCKET TO DIP
0.600"
1.400"
AK28D600-SOIC/SOJ
0.100"
0.080"
0.125"
28 PIN SOIC OR SOJ TO DIP
0.485" 0.185"
0.050"
0.700"
1.400"
0.125"
0.600"
28 PIN DIP
0.100"
AK28D600-TSOP
28 PIN TSOP
0.535"
0.5mm
28 PIN TYPE 1 TSOP TO DIP
0.600"
1.400"
AK28D600-QSOP
0.700"
0.025"
(.65mm)
0.125"
0.080"
0.100"
28 PIN QSOP & SSOP TO DIP600
AK28D600-QSOP
0.315"
0.465"
0.385"
0.165"


Similar Part No. - AK32D300-S0J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK32D300-SOJ ETC1-AK32D300-SOJ Datasheet
155Kb / 5P
   Standard Pitch DIP Adapters
AK32D300-SRAM ETC1-AK32D300-SRAM Datasheet
155Kb / 5P
   Standard Pitch DIP Adapters
More results

Similar Description - AK32D300-S0J

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com