Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK594096BG Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK594096BG
Description  4,194,304 Word by 9 Bit CMOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK594096BG Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK594096BG Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK594096BG Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4 = Dynamic RAM
5 = CMOS Dynamic RAM
6 = Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
= 64K
4096 =
4 MEG
256 = 256K
8192 =
8 MEG
1024 = 1 MEG
16384 =
16 MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
EXAMPLES:
AK594096BGP-70
4 Meg x 9, CMOS Dynamic RAM, Leaded SIP, Page Mode, Com-
mercial, 70 nSEC Access Time
AK594096BSP-60
4 Meg x 9, CMOS Dynamic RAM, Leadless SIM, Page Mode, Com-
mercial, 60 nSEC Access Time
MECHANICAL DIMENSIONS
Inches
.550"
MAX
.550"
MAX
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibility
for the use of any circuitry described; no circuit patent licenses are
implied. Preliminary data sheets contain minimum and maximum
limits based upon design objectives, which are subject to change
upon full characterization over the specific operating conditions.
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT
2 NEW PASTURE ROAD, SUITE 1
NEWBURYPORT, MA 01950-4054
VOICE:
978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet:
www.accutekmicro.com
The numbers and coding on this page do not include all variations
available but are show as examples of the most widely used variations.
Contact Accutek if other information is required.


Similar Part No. - AK594096BG

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BG ACCUTEK-AK594096BG Datasheet
76Kb / 2P
   Dynamic Random Access Memory
More results

Similar Description - AK594096BG

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK584096BS ACCUTEK-AK584096BS Datasheet
77Kb / 2P
   4,194,304 Word by 8 Bit CMOS Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W Datasheet
74Kb / 2P
   4,194,304 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5364096W ACCUTEK-AK5364096W Datasheet
82Kb / 2P
   4,194,304 Word by 36 Bit CMOS Dynamic Random Access Memory
AK594096AS ACCUTEK-AK594096AS Datasheet
87Kb / 2P
   4,194,304 Word x 9 Bit CMOS Dynamic Random Access Memory
AK5916384S ACCUTEK-AK5916384S Datasheet
88Kb / 2P
   16,777,216 Word by 9 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW Datasheet
72Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S Datasheet
85Kb / 2P
   16,777,216 Word by 8 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
116Kb / 2P
   524,288 Word by 36 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com