Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4757A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4757A
Description  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4757A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4757A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
VF=1.2V max, IF=200mA for all types.
Test
Surge Current @
Device
Current
TA = 25
OC
(Note 1)
Nom.
IZT
ZZT @ IZT
Ir - mA
(Notes 2&3)
Min.
Max.
mA
Ohms
Ohms
mA
uA Max
Volts
(Note 5)
1N4741A
11
10.45
11.55
23
8
700
0.25
5.0
8.4
414
1N4742A
12
11.40
12.60
21
9
700
0.25
5.0
9.1
380
1N4743A
13
12.35
13.65
19
10
700
0.25
5.0
9.9
344
1N4744A
15
14.25
15.75
17
14
700
0.25
5.0
11.4
304
1N4745A
16
15.20
16.80
15.5
16
700
0.25
5.0
12.2
285
1N4746A
18
17.10
18.90
14.0
20
750
0.25
5.0
13.7
250
1N4747A
20
19.00
21.00
12.5
22
750
0.25
5.0
15.2
225
1N4748A
22
20.90
23.10
11.5
23
750
0.25
5.0
16.7
205
1N4749A
24
22.80
25.20
10.5
25
750
0.25
5.0
18.2
190
1N4750A
27
25.65
28.35
9.5
35
750
0.25
5.0
20.6
170
1N4751A
30
28.50
31.50
8.5
40
1000
0.25
5.0
22.8
150
1N4752A
33
31.35
34.65
7.5
45
1000
0.25
5.0
25.1
135
1N4753A
36
34.20
37.80
7.0
50
1000
0.25
5.0
27.4
125
1N4754A
39
37.05
40.95
6.5
60
1000
0.25
5.0
29.7
115
1N4755A
43
40.85
45.15
6.0
70
1500
0.25
5.0
32.7
110
1N4756A
47
44.65
49.35
5.5
80
1500
0.25
5.0
35.8
95
1N4757A
51
48.45
53.55
5.0
95
1500
0.25
5.0
38.8
90
1N4758A
56
53.20
58.80
4.5
110
2000
0.25
5.0
42.6
80
1N4759A
62
58.90
65.10
4.0
125
2000
0.25
5.0
47.1
70
1N4760A
68
64.60
71.40
3.7
150
2000
0.25
5.0
51.7
65
1N4761A
75
71.25
78.75
3.3
175
2000
0.25
5.0
56.0
60
1N4762A
82
77.90
86.10
3.0
200
3000
0.25
5.0
62.2
55
1N4763A
91
86.45
95.55
2.8
250
3000
0.25
5.0
69.2
50
1N4764A
100
95.00
105.0
2.5
350
3000
0.25
5.0
76.0
45
1M110Z
110
104.5
115.5
2.3
450
4000
0.25
5.0
83.6
-
1M120Z
120
114.0
126.0
2.0
550
4500
0.25
5.0
91.2
-
1M130Z
130
123.5
136.5
1.9
700
5000
0.25
5.0
98.8
-
1M150Z
150
142.5
157.5
1.7
1000
6000
0.25
5.0
114.0
-
1M160Z
160
152.0
168.0
1.6
1100
6500
0.25
5.0
121.6
-
1M180Z
180
171.0
189.0
1.4
1200
7000
0.25
5.0
136.8
-
1M200Z
200
190.0
210.0
1.2
1500
8000
0.25
5.0
152.0
-
Notes
1: Tolerance and Type Number Designation. The type numbers listed have a standard
tolerance on the nominal zener voltage of ±5%.
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds
while maintaining the lead temperature (TL) at 30
oC± 1oC, from the diode body.
4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage,
which results when an accurrent having and rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is
maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine
wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC
registration; however, actual device capability is as described in Figure 10.
ZZK @ IZK
IR @ VR
Vz @ Izt
Voltage
Zener Voltage
Maximum Zener
Impedance (Note 4)
Leakage Current
Version: B07


Similar Part No. - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4757A VISHAY-1N4757A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4757A VISHAY-1N4757A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Weitron Technology
1N4757A WEITRON-1N4757A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Fairchild Semiconductor
1N4757A FAIRCHILD-1N4757A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Suntan Capacitors
1N4757A SUNTAN-1N4757A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

Similar Description - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com