Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2309ZI-1H Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SL2309ZI-1H
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309ZI-1H Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SL2309ZI-1H Datasheet HTML 2Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 3Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 9Page - List of Unclassifed Manufacturers SL2309ZI-1H Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.1, May 29, 2007
Page 6 of 12
SL2309
DC Electrical Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
CLKIN, S2 and S1 Pins
0.8
V
VIH
Input HIGH Voltage
CLKIN, S2 and S1 pins
2.0
VDD+0.3
V
IIL
Input LOW Current
CLKIN, S2 and S1 Pins, 0 < VIN < 0.8V
25
µA
IIH
Input HIGH Current
CLKIN, S2 and S1 Pins, VIN = VDD
50
µA
IOL = 8 mA (standard drive)
0.4
V
VOL
Output LOW Voltage
(All outputs)
IOL = 12 mA (high drive)
0.4
V
IOH = –8 mA (standard drive)
2.4
V
VOH
Output HIGH Voltage
(All outputs)
IOH = –12 mA (high drive)
2.4
V
C-Grade
12
µA
IDDPD
Power Down Supply Current
CLKIN=0 to VDD or floating (input
will be pulled-down by 250kΩ
weak pull-down on-chip resistor)
I-Grade
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 33MHz CLKIN
S2=S1=1 (High)
20
mA
IDD2
Power Supply Current
All Outputs CL=0, 66MHz CLKIN
S2=S1=1 (High)
28
mA
IDD3
Power Supply Current
All Outputs CL=0, 100MHz CLKIN
S2=S1=1 (High)
36
mA
IDD4
Power Supply Current
All Outputs CL=0, 140MHz CLKIN
S2=S1=1 (High)
44
mA
RPU/D
Pull-up and Pull-down Resistors
Pins-1/2/3/6/7/8/9/10/11/14/15/16
250kΩ-typ
175
325
kΩ


Similar Part No. - SL2309ZI-1H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2309ZI-1H SPECTRALINEAR-SL2309ZI-1H Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL2309ZI-1HT SPECTRALINEAR-SL2309ZI-1HT Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2309ZI-1H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com