Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK64D600-QFP.5MM10X10 Datasheet(PDF) 5 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK64D600-QFP.5MM10X10
Description  64 Pin to 84 Pin DIP Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK64D600-QFP.5MM10X10 Datasheet(HTML) 5 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK64D600-QFP.5MM10X10 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK64D600-QFP.5MM10X10 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK64D600-QFP.5MM10X10 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK64D600-QFP.5MM10X10 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK64D600-QFP.5MM10X10 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE 22 ACCUTEKMICRO.COM 02/2005 (DA25)
AK80D900-TSSOP.4
.4MM TSSOP
TO 80 PIN DIP
4.000"
0.360"
0.900"
0.015"
(.4mm)
0.126"
0.100"
0.185"
AK80D900-TSSOP.5
.5MM TSSOP
TO 80 PIN DIP
4.000"
0.900"
0.126"
0.100"
0.415"
0.019"
(.5mm)
0.240"
0.65mm
(0.025")
0.710"
0.565"
0,5mm
0.590"
0.460"
4.000"
0.900"
0.126"
0.100"
AK80D900-QFP.5mm
QFP 0.5mm PITCH
TO 80 PIN DIP
4.000"
0.900"
0.126"
AK80D900-QFP.65mm
QFP 0.65mm PITCH
TO 80 PIN DIP


Similar Part No. - AK64D600-QFP.5MM10X10

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600 ACCUTEK-AK64D600 Datasheet
1Mb / 5P
   64 Pin to 72 Pin DIP Adapters
AK64D600 ACCUTEK-AK64D600_13 Datasheet
1Mb / 5P
   64 Pin to 72 Pin DIP Adapters
More results

Similar Description - AK64D600-QFP.5MM10X10

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600 ACCUTEK-AK64D600_13 Datasheet
1Mb / 5P
   64 Pin to 72 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com