Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS352 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS352
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS352 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS352 Datasheet HTML 3Page - Texas Instruments SN65LVDS352 Datasheet HTML 4Page - Texas Instruments SN65LVDS352 Datasheet HTML 5Page - Texas Instruments SN65LVDS352 Datasheet HTML 6Page - Texas Instruments SN65LVDS352 Datasheet HTML 7Page - Texas Instruments SN65LVDS352 Datasheet HTML 8Page - Texas Instruments SN65LVDS352 Datasheet HTML 9Page - Texas Instruments SN65LVDS352 Datasheet HTML 10Page - Texas Instruments SN65LVDS352 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN65LVDS348, SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523D – FEBRUARY 2002 – REVISED FEBRUATY 2003
7
www.ti.com
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2.5
4
6
ns
tPHL
Propagation delay time, high-to-low-level output
2.5
4
6
ns
td1
Delay time, failsafe disable time
9
ns
td2
Delay time, failsafe enable time
C10 F
0.3
1.5
µs
tsk(p)
Pulse skew (|tpHL1 – tpLH1|)
CL = 10 pF,
See Figure 3
200
ps
tsk(o)
Output skew‡
See Figure 3
150
ps
tsk(pp)
Part-to-part skew§
1
ns
tr
Output signal rise time
1.2
ns
tf
Output signal fall time
1
ns
tr
Output signal rise time
CL = 1 pF,
650
ps
tf
Output signal fall time
CL = 1 F,
See Figure 3
400
ps
tPHZ
Propagation delay time, high-level-to-high-impedance output
5
9
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 4 and
5
9
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 4 and
Figure 5
8
12
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
8
12
ns
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(o) is the magnitude of the time difference between the tPHL or tPLH of all receivers of a single device with all of their inputs connected together.
§ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, at the same temperature, and have identical packages and test circuits.
PARAMETER MEASUREMENT INFORMATION
VID
B or RIN–
VIB or VRIN–
VIA or VRIN+
VIC
(VIA + VIB)/2 or
(VRIN+ + VRIN–)/2
VOY or VROUT
IOY or IROUT
Y or ROUT
A or RIN+
IIA or IRIN+
IIB or IRIN–
Figure 1. Voltage and Current Definitions


Similar Part No. - SN65LVDS352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS352 TI-SN65LVDS352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS352 TI1-SN65LVDS352 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS352PW TI1-SN65LVDS352PW Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS352PWG4 TI1-SN65LVDS352PWG4 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI1-SN65LVDS348_15 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com