Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q16211DLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q16211DLR
Description  24 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q16211DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CB3Q16211DLR Datasheet HTML 3Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 4Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 5Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 6Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 7Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 8Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 9Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 10Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN74CB3Q16211
24BIT SWITCH
2.5V/3.3V LOW VOLTAGE FET BUS SWITCH
SCDS167 − MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
tPLH
tPHL
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOH
VOL
0 V
VOL + V∆
VOH − V∆
0 V
Output
Control
(VIN)
VCC
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (tpd(s))
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-state resistance
of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
H. All parameters and waveforms are not applicable to all devices.
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V∆
CL
2.5 V
± 0.2 V
3.3 V
± 0.3 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Open
Open
2
× VCC
2
× VCC
GND
GND
500
500
500
500
500
500
VCC or GND
VCC or GND
GND
GND
VCC
VCC
30 pF
50 pF
30 pF
50 pF
30 pF
50 pF
0.15 V
0.3 V
0.15 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VO
Figure 3. Test Circuit and Voltage Waveforms


Similar Part No. - SN74CB3Q16211DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16211DLR TI-SN74CB3Q16211DLR Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
More results

Similar Description - SN74CB3Q16211DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16210 TI-SN74CB3Q16210_07 Datasheet
259Kb / 15P
[Old version datasheet]   20-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16245 TI-SN74CB3Q16245 Datasheet
101Kb / 9P
[Old version datasheet]   16-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16210 TI-SN74CB3Q16210 Datasheet
196Kb / 11P
[Old version datasheet]   20 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16811 TI-SN74CB3Q16811 Datasheet
173Kb / 12P
[Old version datasheet]   24-BIT SWITCH WITH PRECHARGED OUTPUTS 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com