Electronic Components Datasheet Search |
|
SN65MLVD082DGGG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN65MLVD082DGGG4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 28 page www.ti.com Output A Output tpLH tpHL Input C3 0.5 pF B D 0 V 0.9V V 0 V tf tr VCC VCC/2 0 V SS SS 0 V 0.1V SS SS C1 1 pF C2 1 pF VP(H) VP(L) R1 50 Ω A B R1 24.9 Ω tpZH tpHZ tpZL tpLZ VCC VCC/2 0 V ∼ 0.6 V 0.1 V 0 V ∼ -0.6 V 0 V -0.1 V DE Output With D at VCC Output 0 V or VCC DE Output With D at 0 V C1 1 pF R2 24.9 Ω C4 0.5 pF C2 1 pF D C3 2.5 pF SN65MLVD080 SN65MLVD082 SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005 PARAMETER MEASUREMENT INFORMATION (continued) A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz, duty cycle = 50 ±5%. B. C1, C2, and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are ±20%. C. R1 is a metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T. D. The measurement is made on test equipment with a –3 dB bandwidth of at least 1 GHz. Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz, duty cycle = 50 ±5%. B. C1, C2, C3, and C4 includes instrumentation and fixture capacitance within 2 cm of the D.U.T. and are ±20%. C. R1 and R2 are metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T. D. The measurement is made on test equipment with a –3 dB bandwidth of at least 1 GHz. Figure 6. Driver Enable and Disable Time Circuit and Definitions 8 Submit Documentation Feedback |
Similar Part No. - SN65MLVD082DGGG4 |
|
Similar Description - SN65MLVD082DGGG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |