Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A05 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 6A05
Description  6.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A05 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  6A05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (6A05 THRU 6A100)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
0.01
0.1
10
100
1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
100
1
5
10
50
0
150
100
50
200
250
300
Tj=25 C
O
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.8
1.6
0.6
0.8
1.0
1.2
1.4
10
100
1
0.1
0.01
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
0.4
50
5
0.5
0.05
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURE
20
0
40
60
80
100
120
140
180
160
2
3
1
4
6
5
AMBIENT TEMPERATURE. ( C)
o
Single PhaseHalf Wave 60Hz
Resistive of Inductive Load
Standard PC Board
Mounting
PC BOARD
Ground plane
16mm x 16mm
Copper
surface area
PC BOARD
Recommanded
PC Board
Mounting
200
0
6.5
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
50
10
1
100
200
500
1000
50
10
REVERSE VOLTAGE. (V)
Tj=25 C
0
Version: A06


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
6A05 WILLAS-6A05 Datasheet
491Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
Shenzhen Yixinwei Techn...
6A05 YIXIN-6A05 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
Micro Analog systems
6A05 MAS-6A05 Datasheet
269Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
P600A TSC-P600A Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
   6.0 AMPS. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
TS750 TSC-TS750 Datasheet
66Kb / 2P
   6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A_1 Datasheet
244Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com