Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A40 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 6A40
Description  6.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A40 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  6A40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
6A05 - 6A100
6.0 AMPS. Silicon Rectifiers
R-6
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free. solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.65 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol 6A05 6A10 6A20 6A40 6A60 6A80 6A100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 60
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
0.95
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
400
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TA=75
oC
HTIR
50
uA
Typical Junction Capacitance
( Note 1 )
Cj
90
pF
Typical Thermal Resistance ( Note 2 )
R
θJA
35
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - 6A40

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A40 SURGE-6A40 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
DAESAN ELECTRONIC CORP.
6A40 DAESAN-6A40 Datasheet
469Kb / 2P
   STANDARD RECTIFIER
logo
Taiwan Semiconductor Co...
6A40 TSC-6A40 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
6A40 DAESAN-6A40 Datasheet
271Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
RFE international
6A40 RFE-6A40 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results

Similar Description - 6A40

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
P600A TSC-P600A Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
   6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
   6.0 AMPS. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
TS750 TSC-TS750 Datasheet
66Kb / 2P
   6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A_1 Datasheet
244Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com