Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRI512SBN18 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SRI512SBN18
Description  13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512SBN18 Datasheet(HTML) 3 Page - STMicroelectronics

  SRI512SBN18 Datasheet HTML 1Page - STMicroelectronics SRI512SBN18 Datasheet HTML 2Page - STMicroelectronics SRI512SBN18 Datasheet HTML 3Page - STMicroelectronics SRI512SBN18 Datasheet HTML 4Page - STMicroelectronics SRI512SBN18 Datasheet HTML 5Page - STMicroelectronics SRI512SBN18 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SRI512
Summary description
3/6
The SRI512 contactless EEPROM can be randomly read and written in block mode (each
block containing 32 bits). The instruction set includes the following nine commands:
READ_BLOCK
WRITE_BLOCK
INITIATE
PCALL16
SLOT_MARKER
SELECT
COMPLETION
RESET_TO_INVENTORY
GET_UID
The SRI512 memory is organized in three areas. The first area is a resettable OTP (one-
time programmable) area in which bits can only be switched from 1 to 0. Using a special
command, it is possible to erase all bits of this area to 1. Optionally, this area can be set as
an EEPROM area where all blocks behave as User blocks. This option is set by ST on
request.
The second area provides two 32-bit binary counters that can only be decremented from
FFFFFFFFh to 00000000h, and gives a capacity of 4,294,967,296 units per counter.
The last area is the EEPROM memory. It is accessible by block of 32 bits and includes an
auto-erase cycle during each WRITE_BLOCK command.
Figure 2.
Die Floor Plan
AI09055
AC1
AC0


Similar Part No. - SRI512SBN18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512-SBN181GE STMICROELECTRONICS-SRI512-SBN181GE Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512-W41GE STMICROELECTRONICS-SRI512-W41GE Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
More results

Similar Description - SRI512SBN18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_12 Datasheet
470Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512 Datasheet
475Kb / 49P
   13.56 MHz short-range Contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com