Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST36VF1602-70-4C-BK Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST36VF1602-70-4C-BK
Description  16 Megabit Concurrent SuperFlash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602-70-4C-BK Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST36VF1602-70-4C-BK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1602-70-4C-BK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© 2000 Silicon Storage Technology, Inc.
16 Megabit Concurrent SuperFlash
SST36VF1601 / SST36VF1602
Advance Information
S71142
373-3 11/00
Software Data Protection (SDP)
The SST36VF1601/1602 provide the JEDEC standard
Software Data Protection scheme for all data alteration
operations, i.e., Program and Erase. Any Program opera-
tion requires the inclusion of the three-byte sequence.
The three-byte load sequence is used to initiate the
Program operation, providing optimal protection from
inadvertent Write operations, e.g., during the system
power-up or power-down. Any Erase operation requires
the inclusion of six-byte sequence. The SST36VF1601/
1602 are shipped with the Software Data Protection
permanently enabled. See Table 4 for the specific soft-
ware command codes. During SDP command sequence,
invalid commands will abort the device to Read mode
within TRC. The contents of DQ15-DQ8 are “Don’t Care”
during any SDP command sequence.
Common Flash Memory Interface (CFI)
The SST36VF1601/1602 also contain the CFI informa-
tion to describe the characteristics of the device. In order
to enter the CFI Query mode, the system must write
three-byte sequence, same as Software ID Entry com-
mand with 98H (CFI Query command) to address 555H
in the last byte sequence. Once the device enters the CFI
Query mode, the system can read CFI data at the
addresses given in Tables 5 through 7. The system must
write the CFI Exit command to return to Read mode from
the CFI Query mode.
Product Identification
The Product Identification mode identifies the devices
and manufacturer. For details, see Table 4 for software
operation, Figure 13 for the Software ID Entry and Read
timing diagram and Figure 21 for the Software ID Entry
command sequence flowchart.
TABLE 1: PRODUCT IDENTIFICATION
WORD
DATA
Manufacturers ID
0000 H
00BF H
Device ID SST36VF1601
0001 H
2761 H
Device ID SST36VF1602
0001 H
2762 H
Product Identification Mode Exit/CFI Mode Exit
In order to return to the standard Read mode, the
Software Product Identification mode must be exited.
Exit is accomplished by issuing the Software ID Exit
command sequence, which returns the device to the
Read mode. This command may also be used to reset the
device to the Read mode after any inadvertent transient
condition that apparently causes the device to behave
abnormally, e.g., not read correctly. Please note that the
Software ID Exit/CFI Exit command is ignored during an
internal Program or Erase operation. See Table 4 for
software command codes, Figure 15 for timing waveform
and Figure 21 for a flowchart.
FUNCTIONAL BLOCK DIAGRAM
373 PGM T1.0
373 ILL B37.4
SuperFlash Memory
12 Mbit Bank
I/O Buffers
SuperFlash Memory
4 Mbit Bank
Memory
Address
DQ15 - DQ0
CE#
WP#
WE#
OE#
Control
Logic
RESET#
RY/BY#
Address
Buffers
(4 KWord Sector Protection)


Similar Part No. - SST36VF1602-70-4C-BK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1602C SST-SST36VF1602C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
SST36VF1602C-70-4C-B3KE SST-SST36VF1602C-70-4C-B3KE Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
SST36VF1602C-70-4C-EKE SST-SST36VF1602C-70-4C-EKE Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
SST36VF1602C-70-4I-B3KE SST-SST36VF1602C-70-4I-B3KE Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
SST36VF1602C-70-4I-EKE SST-SST36VF1602C-70-4I-EKE Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
More results

Similar Description - SST36VF1602-70-4C-BK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF3203 GREENLIANT-GLS36VF3203 Datasheet
1Mb / 35P
   Concurrent SuperFlash
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com