Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ43 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 3.0SMCJ43
Description  3000 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

3.0SMCJ43 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  3.0SMCJ43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 537 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
3.0SMCJ45
HFU
50.0 / 61.1
1.0
45
2.0
37.4
80.3
3.0SMCJ45A
HFV
50.0 / 55.3
1.0
45
2.0
41.2
72.7
3.0SMCJ48
HFW
53.3 / 65.1
1.0
48
2.0
35.0
85.5
3.0SMCJ48A
HFX
53.3 / 58.9
1.0
48
2.0
38.8
77.4
3.0SMCJ51
HFY
56.7 / 69.3
1.0
51
2.0
37.0
91.1
3.0SMCJ51A
HFZ
56.7 / 62.7
1.0
51
2.0
36.4
82.4
3.0SMCJ54
HGD
60.0 / 73.3
1.0
54
2.0
31.2
96.3
3.0SMCJ54A
HGE
60.0 / 66.3
1.0
54
2.0
34.4
87.1
3.0SMCJ58
HGF
64.4 / 78.7
1.0
58
2.0
39.2
103
3.0SMCJ58A
HGG
64.4 / 71.2
1.0
58
2.0
32.0
93.6
3.0SMCJ60
HGH
66.7 / 81.5
1.0
60
2.0
28.0
107
3.0SMCJ60A
HGK
66.7 / 73.7
1.0
60
2.0
31.0
96.8
3.0SMCJ64
HGL
71.1 / 86.9
1.0
64
2.0
26.4
114
3.0SMCJ64A
HGM
71.1 / 78.6
1.0
64
2.0
29.2
103
3.0SMCJ70
HGN
77.8 / 95.1
1.0
70
2.0
24.0
125
3.0SMCJ70A
HGP
77.8 / 86.0
1.0
70
2.0
26.6
113
3.0SMCJ75
HGQ
83.3 / 102
1.0
75
2.0
22.4
134
3.0SMCJ75A
HGR
83.3 / 92.1
1.0
75
2.0
24.8
121
3.0SMCJ78
HGS
86.7 / 106
1.0
78
2.0
21.6
139
3.0SMCJ78A
HGT
86.7 / 95.8
1.0
78
2.0
22.8
126
3.0SMCJ85
HGU
94.4 / 115
1.0
85
2.0
19.8
151
3.0SMCJ85A
HGV
94.4 / 104
1.0
85
2.0
20.8
137
3.0SMCJ90
HGW
100 / 122
1.0
90
2.0
18.8
160
3.0SMCJ90A
HGX
100 / 111
1.0
90
2.0
20.6
146
3.0SMCJ100
HGY
111 / 136
1.0
100
2.0
16.8
179
3.0SMCJ100A
HGZ
111 / 123
1.0
100
2.0
18.6
162
3.0SMCJ110
HHD
122 / 149
1.0
110
2.0
15.4
196
3.0SMCJ110A
HHE
122 / 135
1.0
110
2.0
16.8
177
3.0SMCJ120
HHF
133 / 163
1.0
120
2.0
14.0
214
3.0SMCJ120A
HHG
133 / 147
1.0
120
2.0
15.6
193
3.0SMCJ130
HHH
144 / 176
1.0
130
2.0
13.0
231
3.0SMCJ130A
HHK
144 / 159
1.0
130
2.0
14.4
209
3.0SMCJ150
HHL
167 / 204
1.0
150
2.0
11.2
268
3.0SMCJ150A
HHM
167 / 185
1.0
150
2.0
12.4
243
3.0SMCJ160
HHN
178 / 218
1.0
160
2.0
10.4
287
3.0SMCJ160A
HHP
178 / 197
1.0
160
2.0
11.6
259
3.0SMCJ170
HHQ
189 / 231
1.0
170
2.0
9.8
304
3.0SMCJ170A
HHR
189 / 209
1.0
170
2.0
11.0
275
Notes:
1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent.
2. Surge current waveform per Fig. 3 and derate per Figure 2.
3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled
4. all terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - 3.0SMCJ43

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ43 WTE-3.0SMCJ43 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ43 RECTRON-3.0SMCJ43 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ43 WTE-3.0SMCJ43 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ43 TSC-3.0SMCJ43 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ43 PANJIT-3.0SMCJ43 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ43

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Microsemi Corporation
SMLJ5.0 MICROSEMI-SMLJ5.0 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
MSMLJ5.0A MICROSEMI-MSMLJ5.0A Datasheet
281Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com