Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV5C339A Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RV5C339A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C339A Datasheet(HTML) 5 Page - RICOH electronics devices division

  RV5C339A Datasheet HTML 1Page - RICOH electronics devices division RV5C339A Datasheet HTML 2Page - RICOH electronics devices division RV5C339A Datasheet HTML 3Page - RICOH electronics devices division RV5C339A Datasheet HTML 4Page - RICOH electronics devices division RV5C339A Datasheet HTML 5Page - RICOH electronics devices division RV5C339A Datasheet HTML 6Page - RICOH electronics devices division RV5C339A Datasheet HTML 7Page - RICOH electronics devices division RV5C339A Datasheet HTML 8Page - RICOH electronics devices division RV5C339A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
RV5C339A
DC ELECTRICAL CHARACTERISTICS
Symbol
Item
Pin name
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
“H” Input Voltage
SCLK,CE
0.8VDD
5.5
VIH2
“H” Input Voltage
SIO
VDD=2.0 to 5.5V
0.8VDD
VDD+0.3
V
VIL
“L” Input Voltage
SCLK,CE,SIO
–0.3
0.2VDD
IOH
“H” Output Current
SIO
VOH=VDD–0.5V
–0.5
mA
IOL1
32KOUT,
VOL=0.4V
2
”L” Output Current
INTRA, INTRB
mA
IOL2
SIO
VOL=0.4V
0.5
IIL
Input Leakage Current
SCLK
VI=5.5V or Vss
–1
1
µA
VDD=5.5V
RDNCE
Pull-down Resistance
CE
40
120
400
k
IOZ1
SIO
Vo=5.5V or Vss
–1
1
µA
Output Off-state
VDD=5.5V
IOZ2
Leakage Current
32KOUT,
VO=5.5V
–1
1
INTRA, INTRB
VDD=3V,CE=OPEN
IDD1
Standby Current
VDD
Output=OPEN
0.35
0.8
µA
32KOUT=Off mode*1
VDETH
Supply Voltage Monitoring
VDD
Topt=–30 to +70˚C
1.90
2.10
2.30
V
Voltage (“H”)
VDETL
Supply Voltage Monitoring
VDD
Topt=–30 to +70˚C
1.45
1.60
1.80
V
Voltage (“L”)
CG
Internal Oscillation Capacitance 1
OSCIN
12
pF
CD
Internal Oscillation Capacitance 2
OSCOUT
12
Unless otherwise specified : Vss=0V,VDD=3V,Topt=–40 to +85˚C
*1) For standby current for outputting 32.768-kHz clock pulses from the 32KOUT pin, see “USAGES, 7. Typical Characteristics”.


Similar Part No. - RV5C339A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A-E2 RICOH-RV5C339A-E2 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results

Similar Description - RV5C339A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
R2023T-E2-F RICOH-R2023T-E2-F Datasheet
919Kb / 56P
   2-wire Serial Interface Real Time Clock IC
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
R2023K RICOH-R2023K Datasheet
556Kb / 50P
   2-wire Serial Interface Real Time Clock IC
logo
Epson ToYoCom
RTC-4543SA EPSONTOYOCOM-RTC-4543SA Datasheet
394Kb / 2P
   Simple Function SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com