Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5361024G Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK5361024G
Description  65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK5361024G Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK5361024G Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK5361024G Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK63264A SRAM Module consists of fast high
performance SRAMs mounted on a low height, 64 pin SIM or ZIP
Board. The module utilizes four 32 pin 64K x 8 SRAMs in 300 mil
SOJ packages and four decoupling capacitors mounted on the front
side of a printed circuit board.
The SRAMs used have common I/O functions and single output en-
able functions. Also, four separate chip select (CE) connections are
used to independently enable the four bytes. The modules can be
supplied in a variety of access time values from 12nSEC to 35nSEC
in CMOS or BiCMOS technology.
The Accutek module is designed to have a maximum seated height
of 0.600 inch to provide for the lowest height off the board. Each
conforms to JEDEC-standard sizes and pin-out configurations.
Using two pins for module density identification, PD0 and PD1, mini-
mizes interchangeability and design considerations when changing
from one module size to the other in customer applications.
FEATURES
· 65,536 x 32 bit organization
· JEDEC Standard 64 pin SIM or ZIP format
· Common I/O, single OE fucntions with four separate chip se-
lects (CE)
· Low height, 0.600 inch maximum
· Presence Detect, PD0 and PD1 for identifying module density
· Downard compatible with 32K x 32 (AK63232W)
· Fast access to,es frp, 12nSEC
· Upward compatible with 128K x 32 (AK632128), 256K x 32
(AK632256),512K x 32 ( AK632512) and 1 Meg x 32
(AK6321024)
· TTL-compatible inputs and outputs
· Single 5 volt power supply - AK63264AW
· Single 3.3 volt power supply - AK63264AW/3.3
· Operating temperature range in free air, 0
0 to 700C
ELECTRICAL SPECIFICATIONS
Timing Diagrams and basic electrical characteristics are those of
the standard 64K x 8 SRAMs used to construct these modules.
Accutek’s module design allows the flexibility of selecting indus-
try-compatible 64K x 8 SRAMs from several semiconductor manu-
facturers.
Accutek
Microcircuit
Corporation
AK63264AW
65,536 x 32 Bit CMOS/BiCMOS
Static Random Access Memory
PIN NOMENCLATURE
A0 -A15
Address Inputs
CE1 -CE4
Chip Enable
DQ1 -DQ32
Data In/Data Out
OE
Output Enable
PD0 -PD1
Presence Detect
Vcc
Power Supply
Vss
Ground
WE
Write Enable
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK63264AW
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1
Vss
17
A2
33
CE4
49
A4
2
PD0
18
A9
34
CE3
50
A11
3
PD1
19
DQ13
35
NC
51
A5
4
DQ1
20
DQ5
36
NC
52
A12
5
DQ9
21
DQ14
37
OE
53
Vcc
6
DQ2
22
DQ6
38
Vss
54
A13
7
DQ10
23
DQ15
39
DQ25
55
A6
8
DQ3
24
DQ7
40
DQ17
56
DQ21
9
DQ11
25
DQ16
41
DQ26
57
DQ29
10
DQ4
26
DQ8
42
DQ18
58
DQ22
11
DQ12
27
Vss
43
DQ27
59
DQ30
12
Vcc
28
WE
44
DQ19
60
DQ23
13
A0
29
A15
45
DQ28
61
DQ31
14
A7
30
A14
46
DQ20
62
DQ24
15
A1
31
CE2
47
A3
63
DQ32
16
A8
32
CE1
48
A10
64
Vss
PD0 = Open
PD1 = Vss
FUNCTIONAL DIAGRAM
1
32
33
64
Front View


Similar Part No. - AK5361024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK5361024G ACCUTEK-AK5361024G Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK5361024G ACCUTEK-AK5361024G Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK5361024G ACCUTEK-AK5361024G Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK5361024G ACCUTEK-AK5361024G Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK5361024G ACCUTEK-AK5361024G Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK5361024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W-72 ACCUTEK-AK63264W-72 Datasheet
96Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS 72 Pin Format Static Random Access Memory
AK632256AW ACCUTEK-AK632256AW Datasheet
111Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63232Z ACCUTEK-AK63232Z Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK632512AW ACCUTEK-AK632512AW Datasheet
88Kb / 2P
   524,288 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ Datasheet
114Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632256W ACCUTEK-AK632256W Datasheet
137Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W Datasheet
149Kb / 2P
   1,048,576 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com