Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP162 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TIP162
Description  NPN SILICON POWER DARLINGTONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP162 Datasheet(HTML) 5 Page - Power Innovations Ltd

  TIP162 Datasheet HTML 1Page - Power Innovations Ltd TIP162 Datasheet HTML 2Page - Power Innovations Ltd TIP162 Datasheet HTML 3Page - Power Innovations Ltd TIP162 Datasheet HTML 4Page - Power Innovations Ltd TIP162 Datasheet HTML 5Page - Power Innovations Ltd TIP162 Datasheet HTML 6Page - Power Innovations Ltd TIP162 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
JUNE 1973 - REVISED MARCH 1997
TIP160, TIP161, TIP162
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 8.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0.1
1·0
10
100
SAD160AA
TIP160
TIP161
TIP162
T
C
≤ 100oC
DC Operation
t
p = 150 ms,
d =
1%
t
p =
5 ms,
d =
5%
t
p =
1 ms,
d =
5%
t
p = 0.1 ms,
d =
5%


Similar Part No. - TIP162

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP162 MOSPEC-TIP162 Datasheet
143Kb / 3P
   POWER TRANSISTORS(10A,320-380V,125W)
logo
Transys Electronics
TIP162 TRSYS-TIP162 Datasheet
453Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
TIP162 SAVANTIC-TIP162 Datasheet
145Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP162 ISC-TIP162 Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
TIP162 NJSEMI-TIP162 Datasheet
76Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP162

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com