Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ130A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 3.0SMCJ130A
Description  3000 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

3.0SMCJ130A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  3.0SMCJ130A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ130A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ130A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ130A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in inches and (millimeters)
- 536 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current I
PPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
3.0SMCJ5.0
HDD
6.40 / 7.3
10
5.0
1000
312.5
9.6
3.0SMCJ5.0A
HDE
6.40 / 7.0
10
5.0
1000
326.0
9.2
3.0SMCJ6.0
HDF
6.67 / 8.15
10
6.0
1000
263.2
11.4
3.0SMCJ6.0A
HDG
6.67 / 7.37
10
6.0
1000
291.3
10.3
3.0SMCJ6.5
HDH
7.22 / 8.82
10
6.5
500
243.9
12.3
3.0SMCJ6.5A
HDK
7.22 / 7.98
10
6.5
500
267.9
11.2
3.0SMCJ7.0
HDL
7.78 / 9.51
10
7.0
200
225.6
13.3
3.0SMCJ7.0A
HDM
7.78 / 8.60
10
7.0
200
250.0
12.0
3.0SMCJ7.5
HDN
8.33 / 10.2
1.0
7.5
100
209.8
14.3
3.0SMCJ7.5A
HDP
8.33 / 9.21
1.0
7.5
100
232.6
12.9
3.0SMCJ8.0
HDQ
8.89 / 10.9
1.0
8.0
50
200.0
15.0
3.0SMCJ8.0A
HDR
8.89 / 9.83
1.0
8.0
50
220.6
13.6
3.0SMCJ8.5
HDS
9.44 / 11.5
1.0
8.5
25
188.6
15.9
3.0SMCJ8.5A
HDT
9.44 / 10.4
1.0
8.5
25
208.4
14.4
3.0SMCJ9.0
HDU
10.0 / 12.2
1.0
9.0
10
177.4
16.9
3.0SMCJ9.0A
HDV
10.0 / 11.1
1.0
9.0
10
194.8
15.4
3.0SMCJ10
HDW
11.1 / 13.6
1.0
10
5.0
159.6
18.8
3.0SMCJ10A
HDX
11.1 / 12.3
1.0
10
5.0
176.4
17.0
3.0SMCJ11
HDY
12.2 / 14.9
1.0
11
5.0
149.2
20.1
3.0SMCJ11A
HDZ
12.2 / 13.5
1.0
11
5.0
164.8
18.2
3.0SMCJ12
HED
13.3 / 16.3
1.0
12
5.0
136.4
22.0
3.0SMCJ12A
HEE
13.3 / 14.7
1.0
12
5.0
150.6
19.9
3.0SMCJ13
HEF
14.4 / 17.6
1.0
13
5.0
126.0
23.8
3.0SMCJ13A
HEG
14.4 / 15.9
1.0
13
5.0
139.4
21.5
3.0SMCJ14
HEH
15.6 / 19.1
1.0
14
2.0
116.2
25.8
3.0SMCJ14A
HEK
15.6 / 17.2
1.0
14
2.0
129.4
23.2
3.0SMCJ15
HEL
16.7 / 20.4
1.0
15
2.0
111.6
26.9
3.0SMCJ15A
HEM
16.7 / 18.5
1.0
15
2.0
123.0
24.4
3.0SMCJ16
HEN
17.8 / 21.8
1.0
16
2.0
104.2
28.8
3.0SMCJ16A
HEP
17.8 / 19.7
1.0
16
2.0
115.4
26.0
3.0SMCJ17
HEQ
18.9 / 23.1
1.0
17
2.0
98.4
30.5
3.0SMCJ17A
HER
18.9 / 20.9
1.0
17
2.0
106.6
27.6
3.0SMCJ18
HES
20.0 / 24.4
1.0
18
2.0
93.2
32.2
3.0SMCJ18A
HET
20.0 / 22.1
1.0
18
2.0
102.8
29.2
3.0SMCJ20
HEU
22.2 / 27.1
1.0
20
2.0
83.8
35.8
3.0SMCJ20A
HEV
22.2 /24.5
1.0
20
2.0
92.6
32.4
3.0SMCJ22
HEW
24.4 / 29.8
1.0
22
2.0
74.2
39.4
3.0SMCJ22A
HEX
24.4 / 26.9
1.0
22
2.0
84.4
35.5
3.0SMCJ24
HEY
26.7 / 32.6
1.0
24
2.0
69.8
43.0
3.0SMCJ24A
HEZ
26.7 / 29.5
1.0
24
2.0
77.2
38.9
3.0SMCJ26
HFD
28.9 / 35.3
1.0
26
2.0
64.4
46.6
3.0SMCJ26A
HFE
28.9 / 31.9
1.0
26
2.0
71.2
42.1
3.0SMCJ28
HFF
31.1 / 38.0
1.0
28
2.0
60.0
50.0
3.0SMCJ28A
HFG
31.1 / 34.4
1.0
28
2.0
66.0
45.4
3.0SMCJ30
HFH
33.3 / 40.7
1.0
30
2.0
56.0
53.5
3.0SMCJ30A
HFK
33.3 / 36.8
1.0
30
2.0
62.0
48.4
3.0SMCJ33
HFL
36.7 / 44.9
1.0
33
2.0
50.4
59.0
3.0SMCJ33A
HFM
36.7 / 40.6
1.0
33
2.0
56.2
53.3
3.0SMCJ36
HFN
40.0 / 48.9
1.0
36
2.0
46.6
64.3
3.0SMCJ36A
HFP
40.0 / 44.2
1.0
36
2.0
51.6
58.1
3.0SMCJ40
HFQ
44.4 / 54.3
1.0
40
2.0
42.0
71.4
3.0SMCJ40A
HFR
44.4 / 49.1
1.0
40
2.0
46.4
64.5
3.0SMCJ43
HFS
47.8 / 58.4
1.0
43
2.0
39.2
76.7
3.0SMCJ43A
HFT
47.8 / 52.8
1.0
43
2.0
43.2
69.4


Similar Part No. - 3.0SMCJ130A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ130A WTE-3.0SMCJ130A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
3.0SMCJ130A FCI-3.0SMCJ130A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3.0SMCJ130A WTE-3.0SMCJ130A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
3.0SMCJ130A DIOTEC-3.0SMCJ130A Datasheet
124Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
3.0SMCJ130A TSC-3.0SMCJ130A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ130A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Microsemi Corporation
SMLJ5.0 MICROSEMI-SMLJ5.0 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
MSMLJ5.0A MICROSEMI-MSMLJ5.0A Datasheet
281Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com