Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1121N Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1121N
Description  LOW NOISE 150mA LDO REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1121N_02 Datasheet HTML 1Page - RICOH electronics devices division R1121N_02 Datasheet HTML 2Page - RICOH electronics devices division R1121N_02 Datasheet HTML 3Page - RICOH electronics devices division R1121N_02 Datasheet HTML 4Page - RICOH electronics devices division R1121N_02 Datasheet HTML 5Page - RICOH electronics devices division R1121N_02 Datasheet HTML 6Page - RICOH electronics devices division R1121N_02 Datasheet HTML 7Page - RICOH electronics devices division R1121N_02 Datasheet HTML 8Page - RICOH electronics devices division R1121N_02 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
R1121N
5
• R1121Nxx1B
7RSW °&
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
9287
2XWSXW9ROWDJH
9,1
6HW9287 9
P$ ≤ ,287 ≤ P$
9287
×
9287
×
9
,287
2XWSXW&XUUHQW
UHIHUWRWKH (/(&75,&$/&+$5$&7(5,67,&6E\ 287387
92/7$*(
∆9287∆,287
/RDG 5HJXODWLRQ
9,1
6HW9287 9
P$ ≤ ,287 ≤ P$


P9
9',)
'URSRXW9ROWDJH
UHIHUWRWKH (/(&75,&$/&+$5$&7(5,67,&6E\ 287387
92/7$*(
,66
6XSSO\&XUUHQW
9,1
6HW9287 9


µ$
,VWDQGE\
6XSSO\ &XUUHQW6WDQGE\
9,1
6HW9287 9
9&(
*1'


µ$
∆9287∆9,1
/LQH5HJXODWLRQ
6HW9287 9 ≤ 9,1 ≤ 9
,287
P$


9
55
5LSSOH 5HMHFWLRQ
I
N+]5LSSOH9SS
9,1
6HW9287 9

G%
9,1
,QSXW9ROWDJH


9
∆9287∆7
2XWSXW9ROWDJH
7HPSHUDWXUH &RHIILFLHQW
,287
P$
°& ≤ 7RSW ≤ °&
±
SSP
°&
,OLP
6KRUW&XUUHQW/LPLW
9287 9

P$
53'
&( 3XOOGRZQ5HVLVWDQFH



0Ω
9&(+
&(,QSXW9ROWDJH ´+µ

9,1
9
9&(/
&(,QSXW9ROWDJH ´/µ


9
HQ
2XWSXW1RLVH
%:
+]aN+]

µ9UPV


Similar Part No. - R1121N_02

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1121N20A1-TR-FE RICOH-R1121N20A1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N20B1-TR-FE RICOH-R1121N20B1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N301A RICOH-R1121N301A Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TL RICOH-R1121N301A-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TR RICOH-R1121N301A-TR Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1121N_02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com