Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1113Z401A-EX Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1113Z401A-EX
Description  LOW NOISE 150mA LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1113Z401A-EX Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1113Z401A-EX Datasheet HTML 1Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 2Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 3Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 4Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 5Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 6Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 7Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 8Page - RICOH electronics devices division R1113Z401A-EX Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
R1113Z
5
ELECTRICAL CHARACTERISTICS
R1113Zxx1A
Topt=25
°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
= Set VOUT+1V 1mA <
= IOUT <
= 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
VIN
− VOUT = 1.0V
150
mA
∆VOUT/∆IOUT
Load Regulation
VIN
= Set VOUT+1V 1mA <
= IOUT <
= 80mA
20
45
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
ISS
Supply Current
VIN
= Set VOUT+1V
100
170
µA
Istandby
Supply Current (Standby)
VIN
= VCE = Set VOUT+1V
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 6V IOUT = 30mA
0.05
0.20
%/V
RR
Ripple Rejection
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT
= 30mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Short Current Limit
VOUT
= 0V
30
mA
RPU
CE Pull-up Resistance
2.5
5.0
10.0
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.00
0.25
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms
R1113Zxx1B
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
= Set VOUT+1V 1mA <
= IOUT <
= 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
VIN
− VOUT = 1.0V
150
mA
∆VOUT/∆IOUT
Load Regulation
VIN
= Set VOUT+1V 1mA <
= IOUT <
= 80mA
20
45
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
ISS
Supply Current
VIN
= Set VOUT+1V
100
170
µA
Istandby
Supply Current (Standby)
VIN
= VCE = Set VOUT+1V
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 6V
IOUT
= 30mA
0.05
0.20
%/V
RR
Ripple Rejection
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT
= 30mA
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
ILIM
Short Current Limit
VOUT
= 0V
30
mA
RPU
CE Pull-up Resistance
2.5
5.0
10.0
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.00
0.25
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms


Similar Part No. - R1113Z401A-EX

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z401A-TL RICOH-R1113Z401A-TL Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
R1113Z401A-TR RICOH-R1113Z401A-TR Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1113Z401A-EX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com