Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR302 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # FR302
Description  3.0 AMPS. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR302 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  FR302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-411 -
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (FR301 THRU FR307)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
0.03
0.1
0.3
1
10
20
3
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
4
6
10
100
60
40
20
20
10
40
60
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
10
5
1
50
100
100
150
50
10
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
2
0
1
3
4
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length


Similar Part No. - FR302

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR302 WTE-FR302 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR302 YIXIN-FR302 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
FR302 GULFSEMI-FR302 Datasheet
1Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
logo
Micro Commercial Compon...
FR302 MCC-FR302 Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DIOTEC Electronics Corp...
FR302 DEC-FR302 Datasheet
665Kb / 2P
   Fast switching for high efficiency
More results

Similar Description - FR302

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR301 YANGJIE-FR301 Datasheet
716Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396 Datasheet
67Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
BY396 YANGJIE-BY396 Datasheet
704Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR301 JGD-SFR301 Datasheet
146Kb / 2P
   3.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com