Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR304 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR304
Description  3.0 AMPS. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR304 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR304 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR304 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
FR301 - FR307
3.0 AMPS. Fast Recovery Rectifiers
DO-201AD
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable
per MIL-STD- 202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5
150
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Typical Thermal resistance (Note 3)
RθJA
40
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - FR304

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR304 GULFSEMI-FR304 Datasheet
1Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
logo
Won-Top Electronics
FR304 WTE-FR304 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR304 YIXIN-FR304 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
FR304 DEC-FR304 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Leshan Radio Company
FR304 LRC-FR304 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
More results

Similar Description - FR304

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301 Datasheet
68Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR301 YANGJIE-FR301 Datasheet
716Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396 Datasheet
67Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
BY396 YANGJIE-BY396 Datasheet
704Kb / 2P
   3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR301 JGD-SFR301 Datasheet
146Kb / 2P
   3.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com