Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1124N311A Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1124N311A
Description  LOW NOISE 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1124N311A Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1124N311A Datasheet HTML 1Page - RICOH electronics devices division R1124N311A Datasheet HTML 2Page - RICOH electronics devices division R1124N311A Datasheet HTML 3Page - RICOH electronics devices division R1124N311A Datasheet HTML 4Page - RICOH electronics devices division R1124N311A Datasheet HTML 5Page - RICOH electronics devices division R1124N311A Datasheet HTML 6Page - RICOH electronics devices division R1124N311A Datasheet HTML 7Page - RICOH electronics devices division R1124N311A Datasheet HTML 8Page - RICOH electronics devices division R1124N311A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
R1124N
5
R1124Nxx1B/D
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
= Set VOUT+1V
1mA <
= IOUT <
= 30mA
VOUT
×
0.980
VOUT
×
1.020
V
IOUT
Output Current
VIN
−VOUT = 1.0V
150
mA
∆VOUT/∆IOUT
Load Regulation
VIN
= Set VOUT+1V
1mA <
= IOUT <
= 150mA
22
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN
= Set VOUT+1V, IOUT = 0mA
75
95
µA
Istandby
Supply Current (Standby)
VIN
= Set VOUT+1V
VCE
= GND
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
VOUT > 1.7V,
Set VOUT
+0.5V <
= VIN <
= 6.0V
(VOUT <
= 1.7V, 2.2V ≤
VIN <
= 6.0V) IOUT = 30mA
0.02
0.10
%/V
RR
Ripple Rejection
f
=1kHz
f
=10kHz
Ripple 0.5Vp
−p
VOUT > 1.7V, VIN
−VOUT = 1.0V
VOUT <
= 1.7, VIN−VOUT = 1.2V
IOUT
= 30mA
70
60
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT
= 30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
ILIM
Short Current Limit
VOUT
= 0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
8.0
M
VCEH
CE Input Voltage “H”
1.5
6.0
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW
= 10Hz to 100kHz
30
µVrms
RLOW
On Resistance of Nch for
auto-discharge
(Only for D version)
VCE
= 0V
60


Similar Part No. - R1124N311A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1124NS16X ETC1-R1124NS16X Datasheet
2Mb / 12P
   DISTRIBUTED GATE THYRISTOR
R1124NS18X ETC1-R1124NS18X Datasheet
2Mb / 12P
   DISTRIBUTED GATE THYRISTOR
More results

Similar Description - R1124N311A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com