Electronic Components Datasheet Search |
|
R1124N161B Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
R1124N161B Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 23 page R1124N 5 • R1124Nxx1B/D Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit VOUT Output Voltage VIN = Set VOUT+1V 1mA < = IOUT < = 30mA VOUT × 0.980 VOUT × 1.020 V IOUT Output Current VIN −VOUT = 1.0V 150 mA ∆VOUT/∆IOUT Load Regulation VIN = Set VOUT+1V 1mA < = IOUT < = 150mA 22 40 mV VDIF Dropout Voltage Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE ISS Supply Current VIN = Set VOUT+1V, IOUT = 0mA 75 95 µA Istandby Supply Current (Standby) VIN = Set VOUT+1V VCE = GND 0.1 1.0 µA ∆VOUT/∆VIN Line Regulation VOUT > 1.7V, Set VOUT +0.5V < = VIN < = 6.0V (VOUT < = 1.7V, 2.2V ≤ VIN < = 6.0V) IOUT = 30mA 0.02 0.10 %/V RR Ripple Rejection f =1kHz f =10kHz Ripple 0.5Vp −p VOUT > 1.7V, VIN −VOUT = 1.0V VOUT < = 1.7, VIN−VOUT = 1.2V IOUT = 30mA 70 60 dB VIN Input Voltage 2.0 6.0 V ∆VOUT/∆T Output Voltage Temperature Coefficient IOUT = 30mA −40°C < = Topt < = 85°C ±100 ppm / °C ILIM Short Current Limit VOUT = 0V 40 mA RPD CE Pull-down Resistance 0.7 2.0 8.0 M Ω VCEH CE Input Voltage “H” 1.5 6.0 V VCEL CE Input Voltage “L” 0.0 0.3 V en Output Noise BW = 10Hz to 100kHz 30 µVrms RLOW On Resistance of Nch for auto-discharge (Only for D version) VCE = 0V 60 Ω |
Similar Part No. - R1124N161B |
|
Similar Description - R1124N161B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |