Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER105S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER105S
Description  1.0 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER105S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER105S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER105S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER101S - HER108S
1.0 AMP. High Efficient Rectifiers
A-405
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: Molded plastic A-405
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.22gram
Maximum Ratings and Electrical Characteristics
Rating at 25 o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
101S
HER
102S
HER
103S
HER
104S
HER
105S
HER
106S
HER
107S
HER
108S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge current, 8.3 ms Single
Half sine-wave superimposed on rated
Load(JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
20
15
pF
Typical Thermal Resistance
RθJA
100
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - HER105S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER105S MCC-HER105S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Microdiode Electronics ...
HER105S CHENDA-HER105S Datasheet
589Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER105S CHENYI-HER105S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
logo
Shanghai Shunye Electro...
HER105S SY-HER105S Datasheet
1Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER105S MCC-HER105S Datasheet
732Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER105S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
HER101 DYELEC-HER101 Datasheet
711Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
62Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER101 DAYA-HER101 Datasheet
285Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER101-UF4001 YANGJIE-HER101-UF4001 Datasheet
507Kb / 2P
   1.0 AMP. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11_1 Datasheet
272Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Surge Components
HER101 SURGE-HER101 Datasheet
129Kb / 2P
   1.0 AMP. High Efficient Rectifiers?
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11_10 Datasheet
549Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com