Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1154N027B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1154N027B
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N027B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1154N027B Datasheet HTML 3Page - RICOH electronics devices division R1154N027B Datasheet HTML 4Page - RICOH electronics devices division R1154N027B Datasheet HTML 5Page - RICOH electronics devices division R1154N027B Datasheet HTML 6Page - RICOH electronics devices division R1154N027B Datasheet HTML 7Page - RICOH electronics devices division R1154N027B Datasheet HTML 8Page - RICOH electronics devices division R1154N027B Datasheet HTML 9Page - RICOH electronics devices division R1154N027B Datasheet HTML 10Page - RICOH electronics devices division R1154N027B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R1154x
7
TEST CIRCUITS
CE
CIN
IN
OUT
IOUT
COUT
VDD
VOUT
GND
R1154xxxxB
SERIES
CE
CIN
IN
OUT
ISS
COUT
VDD
VOUT
GND
R1154xxxxB
SERIES
R1154xxxxB Standard Test Circuit
R1154xxxxB Supply Current Test Circuit
CE
IN
OUT
IOUT
COUT
VDD
VOUT
GND
R1154xxxxB
SERIES
P.G.
CE
CIN
IN
OUT
COUT
I1
I2
VDD
VOUT
GND
R1154xxxxB
SERIES
R1154xxxxB Input Transient Response Test Circuit
R1154xxxxB Load Regulation Test Circuit
CE
CIN
IN
OUT
IOUT
COUT
VDD
VOUT
ADJ
GND
R1154x001C
SERIES
R1
R2
CE
CIN
IN
OUT
ISS
COUT
VDD
VOUT
ADJ
GND
R1154x001C
SERIES
R1
R2
R1154x001C Standard Test Circuit
R1154x001C Supply Current Test Circuit
CE
IN
OUT
IOUT
COUT
VDD
VOUT
ADJ
GND
R1154x001C
SERIES
R1
R2
P.G.
CE
CIN
IN
OUT
COUT
VDD
VOUT
ADJ
GND
R1154x001C
SERIES
R1
R2
I1
I2
R1154x001C Input Transient Response Test Circuit R1154x001C Load Transient Response Test Circuit


Similar Part No. - R1154N027B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1154N025-TR-FE NISSHINBO-R1154N025-TR-FE Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
RICOH electronics devic...
R1154N025B-TR-FE RICOH-R1154N025B-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N025C-TR-FE RICOH-R1154N025C-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154N027B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com