Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER151G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER151G
Description  1.5 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER151G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER151G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER151G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER151G - HER158G
1.5 AMPS. Glass Passivated High Efficient Rectifiers
DO-15
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
.
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
151G
HER
152G
HER
153G
HER
154G
HER
155G
HER
156G
HER
157G
HER
158G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
35
20
pF
Typical Thermal Resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - HER151G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER151G DACHANG-HER151G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Frontier Electronics.
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - HER151G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G Datasheet
47Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
HER151G LUGUANG-HER151G Datasheet
1Mb / 2P
   1.5 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
   1.5 AMPS . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com