Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1224N602G Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1224N602G
Description  PWM/VFM step-down DC/DC Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1224N602G Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1224N602G Datasheet HTML 1Page - RICOH electronics devices division R1224N602G Datasheet HTML 2Page - RICOH electronics devices division R1224N602G Datasheet HTML 3Page - RICOH electronics devices division R1224N602G Datasheet HTML 4Page - RICOH electronics devices division R1224N602G Datasheet HTML 5Page - RICOH electronics devices division R1224N602G Datasheet HTML 6Page - RICOH electronics devices division R1224N602G Datasheet HTML 7Page - RICOH electronics devices division R1224N602G Datasheet HTML 8Page - RICOH electronics devices division R1224N602G Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
R1224N
PIN CONFIGURATIO
SOT-23-5
12
3
4
5
(mark side)
PIN DESCRIPTION
Pin No
Symbol
Pin Description
1
CE
Chip Enable Pin (“H” Active)
2
GND
Ground Pin
3
VOUT (VFB)
Pin for Monitoring Output Voltage (Feedback Voltage)
4
EXT
External Transistor Drive Pin (CMOS Output)
5
VIN
Power Supply Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
VIN Supply Voltage
20
V
VEXT
EXT Pin Output Voltage
−0.3 to VIN+0.3
V
VCE
CE Pin Input Voltage
−0.3 to VIN+0.3
V
VOUT
VOUT/VFB Pin Input Voltage
−0.3 to VIN+0.3
V
IEXT
EXT Pin Inductor Drive Output Current
± 50
A
PD
Power Dissipation (SOT-23-5)*
420
mW
Topt
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +125
°C
* ) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
4


Similar Part No. - R1224N602G

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1221N RICOH-R1221N Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA RICOH-R1221N15AA Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA-TR RICOH-R1221N15AA-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC RICOH-R1221N15AC Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC-TR RICOH-R1221N15AC-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
More results

Similar Description - R1224N602G

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com