Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1152N055B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1152N055B
Description  High Input Voltage Tolerant Boost Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1152N055B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1152N055B Datasheet HTML 1Page - RICOH electronics devices division R1152N055B Datasheet HTML 2Page - RICOH electronics devices division R1152N055B Datasheet HTML 3Page - RICOH electronics devices division R1152N055B Datasheet HTML 4Page - RICOH electronics devices division R1152N055B Datasheet HTML 5Page - RICOH electronics devices division R1152N055B Datasheet HTML 6Page - RICOH electronics devices division R1152N055B Datasheet HTML 7Page - RICOH electronics devices division R1152N055B Datasheet HTML 8Page - RICOH electronics devices division R1152N055B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
R1152N SERIES
High Input Voltage Tolerant Boost Voltage Regulator
NO.EA-108-0601
1
OUTLINE
The R1152N Series are CMOS-based positive voltage regulator controller ICs with high output voltage
accuracy, low supply current.
The high output current regulator can be composed with this IC, an external power transistor, and capacitors.
Each of these voltage regulator controllers consists of a voltage reference unit, an error amplifier, comparators,
resistors for output voltage setting, a peak current limit protection circuit, a short current limit circuit, and a chip
enable circuit. The output voltage of these ICs is internally fixed.
In addition to low supply current by the merit of CMOS process, the chip enable function prolongs the battery
life.
Maximum operating input voltage is up to 18V, thus these ICs are very suitable for the power supply for
hand-held equipment and other power management applications using various AC adapters.
Since the package for these ICs is SOT-23-5 package, high density mounting of the ICs on boards is possible.
FEATURES
• Ultra-Low Supply Current..........................Typ.10µA
• Standby Mode ...........................................Typ.0.1µA
• Low Dropout Voltage................................ Typ.0.1V(IOUT=300mA,VOUT=5.0V,Depends on External Transister)
• High Output Voltage Accuracy ................. ±2.0%
• Small Packages ....................................... SOT-23-5 (Mini-mold)
• Output Voltage ......................................... Stepwise setting with a step of 0.1V in the range of 2.5V to
12.0V (Fixed type) or adjustable (with external divider
resistors can be set more than12.1V,
the reference voltage is 2.5V)
• Operating Input Voltage ........................... Max.18V
• Built-in Chip Enable Circuit (“H” active)
• Built-in Current Limit Circuit
• Output Short Current Limit Circuit
APPLICATIONS
• Power source for home appliances such as refrigerators, rice cookers, etc.
• Power source for car audio equipment, car navigation system, and ETC system.
• Power source for notebook PCs, digital TVs, cordless phones, and LAN system.
• Power source for copiers, printers, facsimiles, and scanners.


Similar Part No. - R1152N055B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H0211A-TR-FE RICOH-R1150H0211A-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211B-TR-FE RICOH-R1150H0211B-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211C-TR-FE RICOH-R1150H0211C-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1152N055B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK5901 MSK-MSK5901 Datasheet
264Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com