Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER604G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER604G
Description  6.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER604G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3- TYPICAL REVERSE CHARACTERISTICS
140
20
40
60
80
100
120
0.1
0.01
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
0
- 337 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HER601G THRU HER608G)
FIG.2- MAXIMUM FORWARD
CURRENT DERATING CURVE
25
50
75
100 125 150 175
1
0
0
2
3
4
5
6
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
100
1000
50
150
200
100
50
0
250
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
FORWARD VOLTAGE. (V)
FIG.6- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
25
0
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HER
601G
~H
ER605G
HER606G~HER608G
0
800


Similar Part No. - HER604G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER604G JGD-HER604G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Zibo Seno Electronic En...
HER604G ZSELEC-HER604G Datasheet
116Kb / 2P
   6A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
HER604G TSC-HER604G Datasheet
272Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Rectron Semiconductor
HER604G RECTRON-HER604G Datasheet
110Kb / 7P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
DAESAN ELECTRONIC CORP.
HER604G DAESAN-HER604G Datasheet
305Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - HER604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER601G TSC-HER601G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_1 Datasheet
272Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
6A05G TSC-6A05G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A05G TSC-6A05G_1 Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
GT605 TSC-GT605 Datasheet
71Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
6A05G DYELEC-6A05G Datasheet
529Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G_10 Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
HER601 TSC-HER601 Datasheet
71Kb / 2P
   6.0 AMPS. High Efficient Rectifiers
HER601 TSC-HER601_1 Datasheet
271Kb / 2P
   6.0 AMPS. High Efficient Rectifiers
logo
Jinan Gude Electronic D...
HER601G JGD-HER601G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com