Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER605G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER605G
Description  6.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER605G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER605G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER605G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER601G - HER608G
6.0 AMPS. Glass Passivated High Efficient Rectifiers
R-6
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 1.65 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
601G
HER
602G
HER
603G
HER
604G
HER
605G
HER
606G
HER
607G
HER
608G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
200
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
80
65
pF
Typical Thermal Resistance
RθJA
37
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B


Similar Part No. - HER605G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER605G JGD-HER605G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rectron Semiconductor
HER605G RECTRON-HER605G Datasheet
110Kb / 7P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Taiwan Semiconductor Co...
HER605G TSC-HER605G Datasheet
70Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
DONGGUAN YOU FENG WEI E...
HER605G YFWDIODE-HER605G Datasheet
440Kb / 3P
   High Efficiency Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
HER605G DAESAN-HER605G Datasheet
305Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - HER605G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER601G TSC-HER601G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G Datasheet
70Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
6A05G TSC-6A05G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A05G TSC-6A05G_1 Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
GT605 TSC-GT605 Datasheet
71Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
6A05G DYELEC-6A05G Datasheet
529Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G_10 Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
HER601 TSC-HER601 Datasheet
71Kb / 2P
   6.0 AMPS. High Efficient Rectifiers
HER601 TSC-HER601_1 Datasheet
271Kb / 2P
   6.0 AMPS. High Efficient Rectifiers
logo
Jinan Gude Electronic D...
HER601G JGD-HER601G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com