Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER807G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER807G
Description  8.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER807G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER807G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER807G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER801G - HER808G
8.0 AMPS. Glass Passivated High Efficient Rectifiers
R-6
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 1.65 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
801G
HER
802G
HER
803G
HER
804G
HER
805G
HER
806G
HER
807G
HER
808G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
80
nS
Typical Junction Capacitance
( Note 2 )
Cj
100
65
pF
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.


Similar Part No. - HER807G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER807G TSC-HER807G Datasheet
64Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER807G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER0801G TSC-HER0801G Datasheet
109Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER801G TSC-HER801G Datasheet
64Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER0801G TSC-HER0801G_1 Datasheet
352Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G_1 Datasheet
259Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G_10 Datasheet
608Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G Datasheet
67Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_10 Datasheet
638Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_1 Datasheet
268Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
DIYI Electronic Technol...
8A05G DYELEC-8A05G Datasheet
644Kb / 2P
   8.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com