Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH62UV8001 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BH62UV8001
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH62UV8001 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BH62UV8001 Datasheet HTML 1Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 2Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 3Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 4Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 5Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 6Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 7Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 8Page - Brilliance Semiconductor BH62UV8001 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BH62UV8001
R0201-BH62UV8001
Revision
1.1
May
2006
3
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
1.65
--
3.6
V
VCC=1.8V
0.4
VIL
Input Low Voltage
VCC=3.6V
-0.3
(2)
--
0.6
V
VCC=1.8V
1.4
VIH
Input High Voltage
VCC=3.6V
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC,
CE1 = VIH or CE2 = VIL
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC
,
CE1 = VIH or CE2 = VIL or OE = VIH
--
--
1
uA
VCC = Max, IOL = 0.1mA
VCC=1.8V
0.2
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=3.6V
--
--
0.4
V
VCC = Min, IOH = -0.1mA
VCC=1.8V
VCC-0.2
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=3.6V
2.4
--
--
V
VCC=1.8V
6
8
ICC
Operating Power Supply
Current
CE1 = VIL, CE2 = VIH,
IDQ = 0mA, f = FMAX
(4)
VCC=3.6V
--
8
12
mA
VCC=1.8V
1.0
1.5
ICC1
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH,
IDQ = 0mA, f = 1MHz
VCC=3.6V
--
1.5
2.0
mA
VCC=1.8V
0.5
ICCSB
Standby Current
– TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
VCC=3.6V
--
--
1.0
mA
VCC=1.8V
2.0
12
ICCSB1
Standby Current
– CMOS
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=3.6V
--
2.5
(5)
15
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. VCC=3.0V
n DATA RETENTION CHARACTERISTICS (T
A = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC for Data Retention
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.0
--
--
V
ICCDR
(3)
Data Retention Current
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=1.2V
--
1.2
7.0
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. tRC = Read Cycle Time.
n LOW V
CC DATA RETENTION WAVEFORM (1) (CE1 Controlled)
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE1≧VCC - 0.2V
VDR≧1.0V
CE1
VCC


Similar Part No. - BH62UV8001

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001AIG55 BSI-BH62UV8001AIG55 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001DIG55 BSI-BH62UV8001DIG55 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
More results

Similar Description - BH62UV8001

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV1601 BSI-BH62UV1601 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV4000 BSI-BH62UV4000 Datasheet
397Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com