Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERA1601G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERA1601G
Description  16.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERA1601G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERA1601G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERA1601G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 336 -
Version: B07
HERA1601G - HERA1608G
16.0 AMPS. Glass Passivated High Efficient Rectifiers
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: TO-220AC Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .16”,(4.06mm) from case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HERA
1601G
HERA
1602G
HERA
1603G
HERA
1604G
HERA
1605G
HERA
1606G
HERA
1607G
HERA
1608G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TC =100
oC
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@16.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
80
nS
Typical Junction Capacitance
( Note 2 )
Cj
120
80
pF
Typical Thermal Resistance (Note 3)
RθJC
2.0
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D. C.
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - HERA1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA1601G TSC-HERA1601G Datasheet
55Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
RFE international
HERA1601G RFE-HERA1601G Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
HERA1601G TSC-HERA1601G Datasheet
484Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G Datasheet
263Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERA1601G LUGUANG-HERA1601G Datasheet
179Kb / 2P
   16.0AMP. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERA1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA1601G TSC-HERA1601G Datasheet
55Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_10 Datasheet
490Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_10 Datasheet
484Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G Datasheet
99Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT Datasheet
110Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_1 Datasheet
382Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_10 Datasheet
684Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_1 Datasheet
296Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_1 Datasheet
344Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com