Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER3005PT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER3005PT
Description  30.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER3005PT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER3005PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER3005PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=25 C
0
Tj=125 C
0
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HER3001PT THRU HER3008PT)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
20
5
10
20
100
50
150
100
50
0
250
300
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
PER LEG. (JEDEC Method)
Tj=Tj max.
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
6
12
24
30
36
CASE TEMPERATURE. ( C)
o
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
10
100
1000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0 MHz
Vsig=50mVp-p
0
50-400V
600-1000V
1.6
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1
40
10
0.1
FIG.5- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
o
50-300V
400V
600-1000V
Version: A06
Tj=125 C
o


Similar Part No. - HER3005PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER3005PT WTE-HER3005PT Datasheet
50Kb / 3P
   30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
HER3005PT TSC-HER3005PT Datasheet
110Kb / 2P
   30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER3005PT YANGJIE-HER3005PT Datasheet
895Kb / 2P
   30.0 AMPS. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER3005PT TSC-HER3005PT Datasheet
627Kb / 2P
   30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Thinki Semiconductor Co...
HER3005PT THINKISEMI-HER3005PT Datasheet
714Kb / 2P
   30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
More results

Similar Description - HER3005PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT Datasheet
110Kb / 2P
   30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER3001PT YANGJIE-HER3001PT Datasheet
895Kb / 2P
   30.0 AMPS. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT_10 Datasheet
627Kb / 2P
   30.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_1 Datasheet
245Kb / 2P
   1.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com