Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV1611DIG55 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BH616UV1611DIG55
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV1611DIG55 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BH616UV1611DIG55 Datasheet HTML 1Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV1611DIG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BH616UV1611
R0201-BH616UV1611
Revision
1.3
Otc.
2006
4
n ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 4.6V
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses
greater
than
those
listed
under
ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2.
–2.0V in case of AC pulse width less than 30 ns
n OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Industrial
-40
OC to + 85OC
1.65V ~ 3.6V
n CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
1.65
--
3.6
V
VCC=1.8V
0.4
VIL
Input Low Voltage
VCC=3.6V
-0.3
(2)
--
0.8
V
VCC=1.8V
1.4
VIH
Input High Voltage
VCC=3.6V
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC,
CE1 = VIH or CE2 = VIL
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC
,
CE1 = VIH or CE2 = VIL or OE = VIH or
UB = LB = VIH
--
--
1
uA
VCC = Max, IOL = 0.2mA
VCC=1.8V
0.2
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=3.6V
--
--
0.4
V
VCC = Min, IOH = -0.1mA
VCC=1.8V
VCC-0.2
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=3.6V
2.4
--
--
V
VCC=1.8V
6
8
ICC
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH,
IDQ = 0mA, f = FMAX
(4)
VCC=3.6V
--
8
10
mA
VCC=1.8V
1.0
1.5
ICC1
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH,
IDQ = 0mA, f = 1MHz
VCC=3.6V
--
1.5
2.0
mA
VCC=1.8V
0.5
ICCSB
Standby Current
– TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
VCC=3.6V
--
--
1.0
mA
VCC=1.8V
4.0
25
ICCSB1
Standby Current
– CMOS
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=3.6V
--
5.0
(5)
30
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. VCC=3.0V


Similar Part No. - BH616UV1611DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG55 BSI-BH616UV1611AIG55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG70 BSI-BH616UV1611AIG70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP55 BSI-BH616UV1611AIP55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP70 BSI-BH616UV1611AIP70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
More results

Similar Description - BH616UV1611DIG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1601 BSI-BH62UV1601 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com