Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1232D261B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1232D261B
Description  PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1232D261B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1232D261B Datasheet HTML 1Page - RICOH electronics devices division R1232D261B Datasheet HTML 2Page - RICOH electronics devices division R1232D261B Datasheet HTML 3Page - RICOH electronics devices division R1232D261B Datasheet HTML 4Page - RICOH electronics devices division R1232D261B Datasheet HTML 5Page - RICOH electronics devices division R1232D261B Datasheet HTML 6Page - RICOH electronics devices division R1232D261B Datasheet HTML 7Page - RICOH electronics devices division R1232D261B Datasheet HTML 8Page - RICOH electronics devices division R1232D261B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R1232D SERIES
PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
NO.EA-129-0606
1
OUTLINE
The R1232D Series are CMOS-based PWM step-down DC/DC converters with synchronous rectifier, low
supply current. As an output capacitor, a 10
µF or more ceramic capacitor can be used with the R1232D.
Each of these ICs consists of an oscillator, a PWM control circuit, a voltage reference unit, an error amplifier, a
soft-start circuit, protection circuits, a protection against miss operation under low voltage (UVLO), a chip enable
circuit, a synchronous rectifier, Nch. driver transistor, and so on. A low ripple, high efficiency step-down DC/DC
converter can be easily composed of this IC with only a few kinds of external components, or an inductor and
capacitors. (As for R1232D001x type, divider resistors are also necessary.) In terms of the output voltage, it is
fixed internally in the R1232Dxx1x types. While in the R1232D001x types, the output voltage is adjustable with
external divider resistors.
As protection circuits, current limit circuit which limits peak current of LX at each clock cycle, and latch type
protection circuit exist. The latch protection works if the term of the over-current condition keeps on a certain time.
Latch-type protection circuit works to latch an internal driver with keeping it disable. To release the condition of
protection, after disable this IC with a chip enable circuit, enable it again, or restart this IC with power-on or make
the supply voltage at UVLO detector threshold level or lower than UVLO.
FEATURES
• Two choices of Oscillator Frequency ............................1MHz, 2.25MHz
(Small inductors can be used. 4.7
µH for 1MHz/2.2µH for 2.25MHz)
• Built-in Driver ON Resistance .......................................P-channel 0.2Ω (at VIN=5.0V)
• Built-in Soft-start Function.............................................Typ. 1.0ms (fosc=1MHz type)
• Output Voltage ..............................................................0.9V to 3.3V (xx1x Type)
0.8V to VIN (001x Type)
• High Accuracy Output Voltage ......................................±2.0%
• Built-in Current Limit Circuit ..........................................Typ. 1.4A
• Package ........................................................................SON-8 (t=0.9mm)
APPLICATIONS
• Power source for portable equipment such as PDA, DSC, Notebook PC.
• Power source for HDD


Similar Part No. - R1232D261B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1232D261B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com