Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV8010 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BH616UV8010
Description  Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV8010 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BH616UV8010 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 9Page - Brilliance Semiconductor BH616UV8010 Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BH616UV8010
R0201-BH616UV8010
Revision
1.2
May.
2006
6
READ CYCLE 2
(1,3,4)
READ CYCLE 3
(1, 4)
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE1 = VIL and CE2= VIH.
3. Address valid prior to or coincident with CE1 transition low and/or CE2 transition high.
4. OE = VIL.
5. Transition is measured ± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
tOH
tRC
tOE
tBE
tBDO
DOUT
CE1
OE
ADDRESS
tCLZ1
(5)
tACS1
tCHZ
(1,5)
tOHZ
(5)
tOLZ
tAA
LB, UB
tBA
tCLZ2
(5)
tCHZ2
(2,5)
CE2
tACS2
tCLZ
(5,6)
DOUT
CE2
CE1
tACS2
(6)
tACS1
tCHZ
(5, 6)


Similar Part No. - BH616UV8010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8010 BSI-BH616UV8010 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010AI BSI-BH616UV8010AI Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010AI-70 BSI-BH616UV8010AI-70 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010AIG70 BSI-BH616UV8010AIG70 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010DI BSI-BH616UV8010DI Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
More results

Similar Description - BH616UV8010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C38098A-10TIN ALSC-AS7C38098A-10TIN Datasheet
505Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV4000 BSI-BH62UV4000 Datasheet
397Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8010 BSI-BS616UV8010 Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com