Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1234D311B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1234D311B
Description  PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1234D311B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1234D311B Datasheet HTML 6Page - RICOH electronics devices division R1234D311B Datasheet HTML 7Page - RICOH electronics devices division R1234D311B Datasheet HTML 8Page - RICOH electronics devices division R1234D311B Datasheet HTML 9Page - RICOH electronics devices division R1234D311B Datasheet HTML 10Page - RICOH electronics devices division R1234D311B Datasheet HTML 11Page - RICOH electronics devices division R1234D311B Datasheet HTML 12Page - RICOH electronics devices division R1234D311B Datasheet HTML 13Page - RICOH electronics devices division R1234D311B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
R1234D
10
TYPICAL APPLICATION AND TECHNICAL NOTES
1) Fixed Output Voltage Type
L
VOUT
CIN
COUT
LOAD
Lx
VIN
CE
VOUT
MODE
VDD
AGND
PGND
1
2
3
4
8
7
6
5
CIN
10
µF C3216JB0J106M (TDK)
COUT
10
µF ECSTOJX106R (Panasonic)
L
10
µH LQH3C100K54 (Murata)
2) Adjustable Output Voltage Type
L
VOUT
CIN
COUT
Cb
R1
R2
LOAD
Rb
Lx
VIN
CE
VOUT
MODE
VDD
AGND
PGND
1
2
3
4
8
7
6
5
CIN
10
µF C3216JB0J106M (TDK)
COUT
10
µF ECSTOJX106R (Panasonic)
L
10
µH LQH3C100K54 (Murata)
VFM mode may work with a parasitic diode, but we recommend that VFM mode used with an external diode in
between LX and GND. As for PWM mode, an external diode is not necessary.
As for how to choose Cb, Rb, R1, and R2 values, refer to the technical notes.


Similar Part No. - R1234D311B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1234D311B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com