Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV8010AIG70 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BH616UV8010AIG70
Description  Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV8010AIG70 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BH616UV8010AIG70 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 9Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 10Page - Brilliance Semiconductor BH616UV8010AIG70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BH616UV8010
R0201-BH616UV8010
Revision
1.2
May.
2006
10
n PACKAGE DIMENSIONS
TSOP I-48 Pin (12mm x 20mm)


Similar Part No. - BH616UV8010AIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8010AIG70 BSI-BH616UV8010AIG70 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
More results

Similar Description - BH616UV8010AIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C38098A-10TIN ALSC-AS7C38098A-10TIN Datasheet
505Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV4000 BSI-BH62UV4000 Datasheet
397Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8010 BSI-BS616UV8010 Datasheet
208Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com