Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV256PCG55 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV256PCG55
Description  Very Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV256PCG55 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV256PCG55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV256PCG55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BS62LV256
R0201-BS62LV256
Revision
2.6
Sep.
2006
4
n AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL
=
100pF+1TTL
1. Including jig and scope capacitance.
n KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM
“H” TO “L”
WILL BE CHANGE
FROM
“H” TO “L”
MAY CHANGE
FROM
“L” TO “H”
WILL BE CHANGE
FROM
“L” TO “H”
DON
’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
n AC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
READ CYCLE
CYCLE TIME : 55ns
(VCC = 4.5~5.5V)
CYCLE TIME : 70ns
(VCC = 3.0~5.5V)
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
55
--
--
70
--
--
ns
tAVQX
tAA
Address Access Time
--
--
55
--
--
70
ns
tE1LQV
tACS
Chip Select Access Time
--
--
55
--
--
70
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
25
--
--
35
ns
tE1LQX
tCLZ
Chip Select to Output Low Z
10
--
--
10
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
10
--
--
10
--
--
ns
tE1HQZ
tCHZ
Chip Select to Output High Z
--
--
30
--
--
35
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
25
--
--
30
ns
tAVQX
tOH
Data Hold from Address Change
10
--
--
10
--
--
ns
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time :
1V/ns
Fall Time :
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS62LV256PCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256PCG55 BSI-BS62LV256PCG55 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV256PCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com