Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS5K
Description  5.0 AMPS. High Efficient Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS5K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS5K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS5K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
40
60
80
100
120
0
140
0
Tj=25 C
0
Tj=100 C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
0
Tj=25 C
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HS5A THRU HS5M)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
100
1000
0
100
300
200
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
1000
25
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HS5A
-HS5G
HS5J-
HS5M
0
Version: B07
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
1
10
100
1000
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
100
150
175
125
75
0
1.0
3.0
4.0
6.0
5.0
2.0
O
AMBIENT TEMPERATURE. ( C)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
0


Similar Part No. - HS5K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5K TSC-HS5K Datasheet
52Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5K TSC-HS5K Datasheet
438Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5K TSC-HS5K Datasheet
201Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5K LUGUANG-HS5K Datasheet
232Kb / 2P
   5.0AMPS High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS5K TSC-HS5K Datasheet
427Kb / 4P
   5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5A TSC-HS5A Datasheet
52Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A_10 Datasheet
438Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
S5A TSC-S5A Datasheet
53Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A_1 Datasheet
267Kb / 2P
   2.0 AMPS. High Efficient Surface Mount Rectifiers
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
   1.5 AMPS. High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3A LUGUANG-HS3A Datasheet
225Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB LUGUANG-HS3AB Datasheet
243Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com