Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2033K-E2 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R2033K-E2
Description  3 wire interface Real-Time Clock ICs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2033K-E2 Datasheet(HTML) 4 Page - RICOH electronics devices division

  R2033K-E2 Datasheet HTML 1Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 2Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 3Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 4Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 5Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 6Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 7Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 8Page - RICOH electronics devices division R2033K-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
R2033K/T
4
ABSOLUTE MAXIMUM RATINGS
(VSS=0V)
Symbol
Item
Pin Name
Description
Unit
VDD
Supply Voltage
VDD
-0.3 to +6.5
V
Input Voltage 1
CE, SCLK, CLKC
-0.3 to +6.5
VI
Input Voltage 2
SIO
-0.3 to VDD + 0.3
V
Output Voltage 1
SIO, 32KOUT
-0.3 to VDD + 0.3
VO
Output Voltage 2
INTR
-0.3 to +6.5
V
PD
Power Dissipation
Topt = 25
°C
300
mW
Topt
Operating Temperature
-40 to +85
°C
Tstg
Storage Temperature
-55 to +125
°C
RECOMMENDED OPERATING CONDITIONS
(VSS=0V, Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Min,
Typ.
Max.
Unit
Vaccess
Supply Voltage
Power supply voltage
for interfacing
with CPU
1.7
5.5
V
VCLK
Time keeping Voltage
CGout,CDout=0pF
*1), *2)
1.00
5.50
VCLKL
Minimum Time keeping
Voltage
CGout,CDout=0pF
*1), *2)
0.66
1.00
V
fXT
Oscillation Frequency
32.768
kHz
INTR
5.5
VPUP
Pull-up Voltage
32KOUT
VDD
+0.3
V
*1) CGout is connected between OSCIN and VSS, CDout is connected between OSCOUT and VSS.
R2033K/T incorporates the capacitors between OSCIN and VSS, between OSCOUT and VSS.
Then normally, CGout and CDout are not necessary.
For more detail, see “P.32
•Oscillation Adjustment
Circuit”
*2) Crystal oscillator: CL=6-9pF, R1=50K


Similar Part No. - R2033K-E2

ManufacturerPart #DatasheetDescription
logo
C&K Components
R203 CK-COMPONENTS-R203 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R203-05-RN-01-B-E ITT-R203-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-01-Q-E ITT-R203-05-RN-01-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-02-B-E ITT-R203-05-RN-02-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-02-Q-E ITT-R203-05-RN-02-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R2033K-E2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Seiko Instruments Inc
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
logo
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com