Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2033T-E2 Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R2033T-E2
Description  3 wire interface Real-Time Clock ICs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2033T-E2 Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R2033T-E2 Datasheet HTML 2Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 3Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 4Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 5Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 6Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 7Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 8Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 9Page - RICOH electronics devices division R2033T-E2 Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
R2033K/T
6
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VSS=0V,Topt=-40 to +85
°C
Input and Output Conditions: VIH=0.8
×VDD,VIL=0.2×VDD,VOH=0.8×VDD,VOL=0.2×VDD,CL=50pF
VDD
≥1.7V
Sym
-bol
Item
Condi-
Tions
Min.
Typ.
Max.
Unit
tCES
CE Set-up Time
400
ns
tCEH
CE Hold Time
400
ns
tCR
CE Recovery Time
62
µs
fSCLK
SCLK Clock Frequency
1.0
MHz
tCKH
SCLK Clock ”H” Time
400
ns
tCKL
SCLK Clock ”L” Time
400
ns
tCKS
SCLK Set-up Time
200
ns
tRD
Data Output Delay Time
300
ns
tRZ
Data Output Floating Time
300
ns
tCEZ
Data Output Delay Time After
Falling of CE
300
ns
tDS
Input Data Set-up Time
200
ns
tDH
Input Data Hold Time
200
ns
tDELAY
Output Delay Time of Voltage
Detector
Time
Keeping
100
105
110
ms
SCLK
tCES
SIO(read cycle)
SIO(write cycle)
CE
tRD
tCKL
tCEZ
tDS
tDH
tRD
tCEH
tCKH
tCKS
tCR
tRZ
*)
For reading/writing timing, see “P.26
•Considerations in Reading and Writing Time Data under special
condition”.


Similar Part No. - R2033T-E2

ManufacturerPart #DatasheetDescription
logo
C&K Components
R203 CK-COMPONENTS-R203 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R203-05-RN-01-B-E ITT-R203-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-01-Q-E ITT-R203-05-RN-01-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-02-B-E ITT-R203-05-RN-02-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R203-05-RN-02-Q-E ITT-R203-05-RN-02-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R2033T-E2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Seiko Instruments Inc
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
logo
RICOH electronics devic...
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com