Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1600FC70 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV1600FC70
Description  Very Low Power CMOS SRAM 2M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1600FC70 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV1600FC70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1600FC70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BS62LV1600
R0201-BS62LV1600
Revision
2.3
May.
2006
4
n LOW V
CC DATA RETENTION WAVEFORM (2) (CE2 Controlled)
n AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
n KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM
“H” TO “L”
WILL BE CHANGE
FROM
“H” TO “L”
MAY CHANGE
FROM
“L” TO “H”
WILL BE CHANGE
FROM
“L” TO “H”
DON
’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
n AC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
READ CYCLE
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
CYCLE TIME : 55ns
(VCC =3.0~5.5V)
MIN.
TYP.
MAX.
CYCLE TIME : 70ns
(VCC = 2.7~5.5V)
MIN.
TYP.
MAX.
UNITS
tAVAX
tRC
Read Cycle Time
55
--
--
70
--
--
ns
tAVQX
tAA
Address Access Time
--
--
55
--
--
70
ns
tE1LQV
tACS1
Chip Select Access Time
(CE1)
--
--
55
--
--
70
ns
tE2HQV
tACS2
Chip Select Access Time
(CE2)
--
--
55
--
--
70
ns
tGLQV
tOE
Output Enable to Output Valid
--
--
25
--
--
30
ns
tE1LQX
tCLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
10
--
--
ns
tE2HQX
tCLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
10
--
--
ns
tGLQX
tOLZ
Output Enable to Output Low Z
10
--
--
10
--
--
ns
tE1HQZ
tCHZ1
Chip Select to Output High Z
(CE1)
--
--
30
--
--
35
ns
tE2LQZ
tCHZ2
Chip Select to Output High Z
(CE2)
--
--
30
--
--
35
ns
tGHQZ
tOHZ
Output Enable to Output High Z
--
--
25
--
--
30
ns
tAVQX
tOH
Data Hold from Address Change
10
--
--
10
--
--
ns
CE2
Data Retention Mode
VCC
tCDR
VCC
tR
VIL
VIL
VCC
VDR≧1.5V
CE2≦0.2V
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time :
1V/ns
Fall Time :
1V/ns
90%
→ ←
10%
10%


Similar Part No. - BS62LV1600FC70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600FC BSI-BS62LV1600FC Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600FCG55 BSI-BS62LV1600FCG55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600FCG70 BSI-BS62LV1600FCG70 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600FCP55 BSI-BS62LV1600FCP55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600FCP70 BSI-BS62LV1600FCP70 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1600FC70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1603 BSI-BS62LV1603 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com