Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1152N107B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1152N107B
Description  High Input Voltage Tolerant Boost Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1152N107B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1152N107B Datasheet HTML 1Page - RICOH electronics devices division R1152N107B Datasheet HTML 2Page - RICOH electronics devices division R1152N107B Datasheet HTML 3Page - RICOH electronics devices division R1152N107B Datasheet HTML 4Page - RICOH electronics devices division R1152N107B Datasheet HTML 5Page - RICOH electronics devices division R1152N107B Datasheet HTML 6Page - RICOH electronics devices division R1152N107B Datasheet HTML 7Page - RICOH electronics devices division R1152N107B Datasheet HTML 8Page - RICOH electronics devices division R1152N107B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
R1152N
4
ELECTRICAL CHARACTERISTICS
R1152NxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
=Set VOUT+1V
IOUT
=100mA
×0.980
×1.020
V
IOUT
Output Current
Refer to the specification Table
Note1
1
A
∆VOUT/∆IOUT Load Regulation
VIN
=Set VOUT+1V
1mA <
= IOUT <
= 100mA
VDIF
Dropout Voltage
IOUT
=300mA
Refer to the specification table by
output voltage
ISS
Supply Current
VIN
=Set VOUT+1V, IOUT=0mA
10
24
µA
Istandby
Supply Current (Standby)
VIN
=18V,CE=0V
0.1
1.0
µA
IEXTleak
EXT Leakage Current
0.1
µA
∆VOUT/∆VIN Line Regulation
Set VOUT
+0.5V <
= VIN <
= 18.0V
IOUT
=100mA
0.01
0.10
%/V
VIN
Input Voltage
18
V
Ilim
Current Limit
Refer to the specification Table
Base Current IB of PNP Tr.
10
25
mA
IRPT
Short Current Limit
Base Current IB of PNP Tr.
VOUT
=0V
600
µA
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=100mA
−40°C <
= Topt <
= 105°C
±50
ppm
/
°C
VCEH
CE Input Voltage "H"
2.0
VIN
µA
VCEL
CE Input Voltage "L"
0.0
0.5
V
Note1: This item depends on the capability of external PNP transistor.
Use low saturation type transistor with hFE value range of 100 to 300.


Similar Part No. - R1152N107B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H0211A-TR-FE RICOH-R1150H0211A-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211B-TR-FE RICOH-R1150H0211B-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211C-TR-FE RICOH-R1150H0211C-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1152N107B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK5901 MSK-MSK5901 Datasheet
264Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com