Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1152N116B Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1152N116B
Description  High Input Voltage Tolerant Boost Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1152N116B Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1152N116B Datasheet HTML 4Page - RICOH electronics devices division R1152N116B Datasheet HTML 5Page - RICOH electronics devices division R1152N116B Datasheet HTML 6Page - RICOH electronics devices division R1152N116B Datasheet HTML 7Page - RICOH electronics devices division R1152N116B Datasheet HTML 8Page - RICOH electronics devices division R1152N116B Datasheet HTML 9Page - RICOH electronics devices division R1152N116B Datasheet HTML 10Page - RICOH electronics devices division R1152N116B Datasheet HTML 11Page - RICOH electronics devices division R1152N116B Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
R1152N
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
a. External Tr.: 2SB1642
R1152N025B
R1152N033B
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
Output Current IOUT(mA)
VIN=5.0V
VIN=3.5V
VIN=3.0V
0.0
1.0
2.0
3.0
4.0
0
2000
Output Current IOUT(mA)
VIN=5.0V
VIN=4.3V
VIN=3.8V
500
1000
1500
R1152N050B
R1152N120B
0.0
1.0
2.0
3.0
4.0
5.0
6.0
500
1000
1500
2000
Output Current IOUT(mA)
VIN=6.0V
VIN=5.5V
VIN=7.0V
0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
500
1000
1500
2000
Output Current IOUT(mA)
VIN=12.5V
VIN=13.0V
VIN=14.0V
b. External Tr.:2SA1645
R1152N025B
R1152N033B
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
5000
Output Current IOUT(mA)
VIN=5.0V
VIN=3.5V
VIN=3.0V
0.0
1.0
2.0
4.0
3.0
0
1000
2000
3000
4000
5000
Output Current IOUT(mA)
VIN=5.0V
VIN=4.3V
VIN=3.8V


Similar Part No. - R1152N116B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H0211A-TR-FE RICOH-R1150H0211A-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211B-TR-FE RICOH-R1150H0211B-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211C-TR-FE RICOH-R1150H0211C-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1152N116B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK5901 MSK-MSK5901 Datasheet
264Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com